Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6691EU Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6691EU
Description  Evaluation Board Manual
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6691EU Datasheet(HTML) 6 Page - Sipex Corporation

  SP6691EU Datasheet HTML 1Page - Sipex Corporation SP6691EU Datasheet HTML 2Page - Sipex Corporation SP6691EU Datasheet HTML 3Page - Sipex Corporation SP6691EU Datasheet HTML 4Page - Sipex Corporation SP6691EU Datasheet HTML 5Page - Sipex Corporation SP6691EU Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
TABLE1: SP6691EB LIST OF MATERIALS
SP6691 Evaluation Board List of Materials
Ref. Des.
Qty. Manufacturer
Part Number
Layout Size
Component
Vendor
LxWxH
1
Sipex Corp.
146-6512-00
1"x1.5"
SP6690 Eval PC Board
Sipex 978-667-8700
U1
1
Sipex Corp.
SP6691EK
SOT23-5
5-pin SOT23 Step-Up DC/DC Conv
Sipex 978-667-8700
C1
1
Murata
GRM31CR61A475KA01B
1206
Ceramic 10V 4.7uF SM
Murata 770-436-1300
C2
1
Murata
GRM32RR71E225KC01B
1210
Ceramic 25V 2.2uF SM
Murata 770-436-1300
C3
1
Murata
GRM1885C1H470JA01B
603
Ceramic 47pF SM
Murata 770-436-1300
L1
1
Murata
LQH32CN100K11
3.2X2.5X2mm
10uH, 0.45A, 0.3 Ohm, SM Inductor
Murata 770-436-1300
R1
1
Panasonic
ERJ-3EKF1004
603
1M Ohm 1/16W 1% 0603 SM
800-Digi-Key
R2
1
Panasonic
ERJ-3EKF6492
603
64.9K Ohm 1/16W 1% 0603 SM
800-Digi-Key
Rb
1
Panasonic
ERJ-3EKF60R4V
603
Open
800-Digi-Key
DS
1
On-Semi
MBR-0530
SOD-123
Schottky Diode 30V, 0.5A
Onsemi
D1-D4
1
SOD-123
Open
TP
5
Mill-Max
0300-115-01-4727100
.042 Dia
Test Point Female Pin
800-Digi-Key
J1
1
Sullins
PTC36SAAN
.23x.12
2-Pin Header
800-Digi-Key
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP6691EB.............................
-40
°C to +85°C...................SP6691 Evaluation Board
SP6691EU.....................................-40
°C to +85°C......................................5-pin SOT-23



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com