Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7120 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7120
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7120 Datasheet(HTML) 1 Page - Sipex Corporation

  SP7120 Datasheet HTML 1Page - Sipex Corporation SP7120 Datasheet HTML 2Page - Sipex Corporation SP7120 Datasheet HTML 3Page - Sipex Corporation SP7120 Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
July19-07
SP7120-22 Evaluation Board Manual
© 2007 Sipex Corporation
_______________________________________________________________ DESCRIPTION
The SP712X driver’s family provides a simple solution for a matched current source for any
color common cathode LEDs. The common cathode connection allows the user to increase the
led power dissipation by having the cathodes heat sinked to the ground plane of the circuit
board. The SP7120 may drive two LEDs or one LED at twice the current with two channels
connected in parallel. The factory preset current values of 15mA (version A), 20mA (version B),
or 25mA (version C) per channel. The SP7122 has three channels with factory preset current
values of 15, 20, or 25mA and may drive three LEDs or one LED at three-times the current with
all channels connected in parallel. At shutdown mode (EN pin is LOW) the supply current drops
to .04uA typical. The SP712x drivers are available in a small footprint 6-pin SOT23-6 package.
__________________________________________________________ BOARD SCHEMATIC
SP7120 Eval Board Schematic
SP7120/22
Evaluation Board Manual
LED Driver for common cathode parallel
connected LEDs
Ultra Low Dropout Voltage of 150mV
No EMI, no switching noise
Integrated current matching
PWM and Analog brightness control
Enable/Shutdown control
Shutdown current < 1µA
Small footprint SOT23-6 Package
Solved by
TM


Similar Part No. - SP7120

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7120 SIPEX-SP7120 Datasheet
1Mb / 17P
2 or 3 Channel Low Dropout High Side Linear LED Driver
SP7120AEK-L/TR SIPEX-SP7120AEK-L/TR Datasheet
1Mb / 17P
2 or 3 Channel Low Dropout High Side Linear LED Driver
SP7120BEK-L/TR SIPEX-SP7120BEK-L/TR Datasheet
1Mb / 17P
2 or 3 Channel Low Dropout High Side Linear LED Driver
SP7120CEK-L/TR SIPEX-SP7120CEK-L/TR Datasheet
1Mb / 17P
2 or 3 Channel Low Dropout High Side Linear LED Driver
More results

Similar Description - SP7120

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com