Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7122 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP7122
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7122 Datasheet(HTML) 3 Page - Sipex Corporation

  SP7122 Datasheet HTML 1Page - Sipex Corporation SP7122 Datasheet HTML 2Page - Sipex Corporation SP7122 Datasheet HTML 3Page - Sipex Corporation SP7122 Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
July9-07
SP7120-22 Evaluation Board Manual
© 2007 Sipex Corporation
Page - 3 -
__________________________________________________________ BILL OF MATERIALS
SP7120
QTY
Ref
Desigantor
Manufacturer
Part Number
Description
1
U1
Sipex
SP7120***
2
C1
Murata
GRM188R71H102KA01
1nF Capacitor
1
R1
Vishay
CRCW060380K6FKEA
80.6K Resistor
1
J1
Wurth
61303611121
3 Pin 2.54 mm
Header
1
Wurth
60900213421
2.54mm
Jumper
3
Millmax(DigiKey)
0300-11501-4727100
Test point pin
1
Sipex
146-6643-01
PCB
***EACH PCB WILL HAVE A STICKER ON IT IDENTIFYING THE WHICH VERSION IC
IS ON THE DEMO BOARD
SP7122
QTY
Ref
Desigantor
Manufacturer
Part Number
Description
1
U1
Sipex
SP7122***
2
C1
Murata
GRM188R71H102KA01
1nF Capacitor
1
R1
Vishay
CRCW060380K6FKEA
80.6K Resistor
1
J1
Wurth
61303611121
3 Pin 2.54 mm
Header
1
Wurth
60900213421
2.54mm
Jumper
3
Millmax(DigiKey)
0300-11501-4727100
Test point pin
1
Sipex
146-6645-00
PCB
***EACH PCB WILL HAVE A STICKER ON IT IDENTIFYING THE WHICH VERSION IC
IS ON THE DEMO BOARD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com