Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX4041 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX4041
Description  Precision 1.24V Shunt Voltage Reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX4041 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX4041 Datasheet HTML 1Page - Sipex Corporation SPX4041 Datasheet HTML 2Page - Sipex Corporation SPX4041 Datasheet HTML 3Page - Sipex Corporation SPX4041 Datasheet HTML 4Page - Sipex Corporation SPX4041 Datasheet HTML 5Page - Sipex Corporation SPX4041 Datasheet HTML 6Page - Sipex Corporation SPX4041 Datasheet HTML 7Page - Sipex Corporation SPX4041 Datasheet HTML 8Page - Sipex Corporation SPX4041 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Date: 11/29/04
SPX4041 Precision 1.24V Shunt Voltage Reference
© Copyright 2004 Sipex Corporation
5
Top View
Bottom View
TO-92 (N)
1
3
2
N/C
Top View
2
1
3
4
8
7
6
5
8-Pin SOIC (S)
N/C
N/C
N/C
+
N/C
N/C
-
1
2
3
+
-
+
-
SOT-23-3 (M)
Figure 13. Low Battery Detector
Figure 14. Micropower 10V Reference
LO = Battery Low
SPX4041
150 pF
500 k
500 k
86.7 k
12V
+
-
SPX4041
1 M
+
-
V
IN = 12V to 20V
LM4250
3
7
2
4
8
22 M
3.5 M
500 k
150 pF
6
PACKAGE PINOUTS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com