Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX4041AM Datasheet(PDF) 9 Page - Sipex Corporation

Part # SPX4041AM
Description  Precision 1.24V Shunt Voltage Reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX4041AM Datasheet(HTML) 9 Page - Sipex Corporation

  SPX4041AM Datasheet HTML 1Page - Sipex Corporation SPX4041AM Datasheet HTML 2Page - Sipex Corporation SPX4041AM Datasheet HTML 3Page - Sipex Corporation SPX4041AM Datasheet HTML 4Page - Sipex Corporation SPX4041AM Datasheet HTML 5Page - Sipex Corporation SPX4041AM Datasheet HTML 6Page - Sipex Corporation SPX4041AM Datasheet HTML 7Page - Sipex Corporation SPX4041AM Datasheet HTML 8Page - Sipex Corporation SPX4041AM Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Date: 11/29/04
SPX4041 Precision 1.24V Shunt Voltage Reference
© Copyright 2004 Sipex Corporation
9
ANALOG EXCELLENCE
Sipex Corporation
Headquarters and Sales Office:
233 Hillview Dr
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
®
Part Number
Accuracy
Output Voltage
Package Type
SPX4041AM
1.0%
1.24V
3-Pin SOT-23
SPX4041AM/TR
1.0%
1.24V
3-Pin SOT-23
SPX4041AS
1.0%
1.24V
8-Pin NSOIC
SPX4041AS/TR
1.0%
1.24V
8-Pin NSOIC
SPX4041AN
1.0%
1.24V
3-Pin TO-92
SPX4041AN/TR
1.0%
1.24V
3-Pin TO-92
SPX4041M
2.0%
1.24V
3-Pin SOT-23
SPX4041M/TR
2.0%
1.24V
3-Pin SOT-23
SPX4041S
2.0%
1.24V
8-Pin NSOIC
SPX4041S/TR
2.0%
1.24V
8-Pin NSOIC
SPX4041N
2.0%
1.24V
3-Pin TO-92
SPX4041N/TR
2.0%
1.24V
3-Pin TO-92
ORDERING INFORMATION
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SPX4041S/TR = standard; SPX4041S-L/TR = lead free
/TR = Tape and Reel
Pack quantity is 2,000 for TO-92, 2,500 for NSOIC and SOT-23.
CLICK HERE TO ORDER SAMPLES



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com