Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7618EB Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP7618EB
Description  Evaluation Board Manual
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7618EB Datasheet(HTML) 5 Page - Sipex Corporation

  SP7618EB Datasheet HTML 1Page - Sipex Corporation SP7618EB Datasheet HTML 2Page - Sipex Corporation SP7618EB Datasheet HTML 3Page - Sipex Corporation SP7618EB Datasheet HTML 4Page - Sipex Corporation SP7618EB Datasheet HTML 5Page - Sipex Corporation SP7618EB Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Dec 7-06
SP7618 Evaluation Board Manual
© 2006 Sipex Corporation
Page 5 of 6
EVALUATION BOARD LAYOUT
Figure 2. SP7618 Evaluation Board Layout top and bottom side
Count
Reference Designator
Value
Description
2
C1, C2
0.1uF
0603ZC104MAT AVX
2
C3
0.01uF
06033C103MAT2A AVX
5
C4, C5, C6, C7, C9
1000pF
06033C102MAT2A AVX
1
C8
4700pF
06033C472MAT2A AVX
1
D1
LXCL-PWF1 Lumileds
1
D2
BAT42WS Diodes Inc
1
P1
GND
1001-0-15-01-30-02-04-0 Mill-Max
1
P2
EN
1001-0-15-01-30-02-04-0 Mill-Max
1
P3
Vin
1001-0-15-01-30-02-04-0 Mill-Max
7
R1, R2, R3, R4, R5, R13, R14
100k
CRCW0603104J Vishay
5
R6, R8, R9, R10, R12
10k
CRCW0603102J Vishay
1
R7
1M
CRCW0603105J Vishay
1
R11
47
CRCW060347RJ Vishay
1
S1
Header 42375-22-28-4033 Molex
1
S2
7914 G-002-000E Bourns
1
U1
CD74HC40103M
1
U2
SP7618 Sipex
1
U3
5-bit DIP Switch
2
U4, U5
74VHC00MTC Fairchild
Table 2. SP7618EB List of Materials



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com