Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7648UEB Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7648UEB
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7648UEB Datasheet(HTML) 1 Page - Sipex Corporation

  SP7648UEB Datasheet HTML 1Page - Sipex Corporation SP7648UEB Datasheet HTML 2Page - Sipex Corporation SP7648UEB Datasheet HTML 3Page - Sipex Corporation SP7648UEB Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev 5/17/05
SP7648 Evaluation Board Manual
Copyright 2005 Sipex Corporation
DESCRIPTION
The SP7648 Evaluation Board is designed to help the user evaluate the performance of the
SP7648 for use as a single/dual cell Alkaline or single cell Li-Ion to drive 1W LED. The output of
the SP7648 is preset to +5V or can be adjusted from +2V to +5V by manipulating two external
resistors. The evaluation board is a completely assembled and tested surface mount board
which provides easy probe access points to all SP7648 Inputs and Outputs so that the user can
quickly connect and measure electrical characteristics and waveforms.
SP7648 EVALUATION BOARD SCHEMATIC
Mode Out (TP)
R6 1K
Vout
Vref
D1
Shorted
Important:
0.1uF Ceramic Cap at Vout Pin
needed for stable regulation
Flash: Iout = 0.3V/((R2//R4+Q1 RDSon)//R1)
Torch: Iout = 0.8V/R1
WURTH(744042004)
Q1
MOSFET N
Vin
Si1400DL
SC-70
0805
0805
RLIM1
OPEN
0603
R4
open
R3
open
SW1
ON / OFF
1
2
R5
1M
J3 FLASH
1
2
3
R2
0.33 Ohm
Flash: FLASH = H
Torch: FLASH = L
C2
10uF
SP7648
VBATT
1
FLASH
2
RLIM
4
SHDN
5
FB
6
GND
7
PGND
8
NC
3
LX
9
VOUT
10
D2
1W LED
C1
10uF
C3
470pF
R1
4.02 Ohm
Rc
0.33 Ohm
L1 4.7uH
RLIM
1K
C4
0.1uF
3.0-4.2V
0603
Easy Evaluation for the
SP7648 Single or Dual Cell
Alkaline to 2V to 5V Output
Provides 700mA output at
3.6V output for Li-Ion Input
High Efficiency: 94%
µSOIC Package & SMT
components for small, low
profile Power Supply
SP7648
Evaluation Board Manual


Similar Part No. - SP7648UEB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7648 SIPEX-SP7648 Datasheet
236Kb / 12P
Low Reference High Efficiency Boost Regulator
SP7648 SIPEX-SP7648 Datasheet
588Kb / 13P
PackageLow Reference High efficiency Boost Regulator
SP7648ER SIPEX-SP7648ER Datasheet
236Kb / 12P
Low Reference High Efficiency Boost Regulator
SP7648ER SIPEX-SP7648ER Datasheet
588Kb / 13P
PackageLow Reference High efficiency Boost Regulator
SP7648ER/TR SIPEX-SP7648ER/TR Datasheet
236Kb / 12P
Low Reference High Efficiency Boost Regulator
More results

Similar Description - SP7648UEB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
SP7680 SIPEX-SP7680_07 Datasheet
97Kb / 6P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com