Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7648EU Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP7648EU
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7648EU Datasheet(HTML) 4 Page - Sipex Corporation

  SP7648EU Datasheet HTML 1Page - Sipex Corporation SP7648EU Datasheet HTML 2Page - Sipex Corporation SP7648EU Datasheet HTML 3Page - Sipex Corporation SP7648EU Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
TABLE1: SP7648EB LIST OF MATERIALS
SP7648 Evaluation Board List of Materials
Ref. Des. Qty.
Manufacturer
Part Number
Layout
Component
Vendor
Size
1
Sipex Corp.
146-6583-00
SP7648UEB Eval PC Board
Sipex 978-667-7800
U1
1
Sipex Corp.
SP7648EU
uSO-8
10-pin uSOIC Step-Up DC/DC Conv
www.sipex.com
C1,2
2
TDK Corp
C2012X5R0J106M
0805
Ceramic 6.3V 10uF SM
www.tdk.com
C3
1
TDK Corp
C1608COG1H471J
0603
Ceramic 50V 470pF SM 0.02ohm ESR
www.tdk.com
C4
1
TDK Corp
C1608X7R1E104M
0603
Ceramic 25V 0.1uF SM 0.02ohm ESR
www.tdk.com
L1
1
Wurth Elektronik
744042004
4.8x4.8x1.8mm
4.7uH, 1.7A, 0.07ohm, SM Inductor
www.we-online.com
R1
1
Vishay
CRCW06034R02F
0603
4.02 ohm 1/10W 1% 0603 SM
www.vishay.com
R2,Rc
1
Vishay
CRCW0603R33F
0603
0.33 ohm 1/10W 1% 0603 SM
www.vishay.com
R3
OPEN
www.vishay.com
R4
OPEN
R5
1
Vishay
CRCW0603105J
0603
1M ohm 1/10W 5% 0603 SM
www.vishay.com
R6
1
Vishay
CRCW0603102J
0603
1K ohm 1/10W 5% 0603 SM
www.vishay.com
RLIM1
OPEN
RLIM
1
Vishay
CRCW06031001F
0603
1K ohm 1/10W 1% 0603 SM
www.vishay.com
D1
SHORTED
Fairchild
FDN337N
SOT23
30V 2.2A 0.082 Ohm N-Chan MOSFET
www.fairchildsemi.com
Vishay
Si1400DL
SC-70
MOSFET 20V 1.7A 0.15Ohm@4.5V
www.vishay.com
SW1
1
Bournes
7914J-1-E
On / Off Switch
www.bourns.com
SW2
N/A
J1
N/A
J2
N/A
www.digikey.com
J3
3
Sullins
PTC36SAAN
.23 x .12
3-Pin Header
www.digikey.com
1
Sullins
STC02SYAN
.2x.1
Shunt
www.digikey.com
TP
4
Mill-Max
0300-115-01-4727100
.042 Dia
Test Point Female Pin
www.digikey.com
Q1
1
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP7648UEB.................................. -40
°C to +85°C...................SP7648 Evaluation Board
SP7648EU.....................................-40
°C to +85°C......................................10-pin µSOIC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com