Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX5205M5 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SPX5205M5
Description  150mA, Low-Noise LDO Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX5205M5 Datasheet(HTML) 8 Page - Sipex Corporation

  SPX5205M5 Datasheet HTML 1Page - Sipex Corporation SPX5205M5 Datasheet HTML 2Page - Sipex Corporation SPX5205M5 Datasheet HTML 3Page - Sipex Corporation SPX5205M5 Datasheet HTML 4Page - Sipex Corporation SPX5205M5 Datasheet HTML 5Page - Sipex Corporation SPX5205M5 Datasheet HTML 6Page - Sipex Corporation SPX5205M5 Datasheet HTML 7Page - Sipex Corporation SPX5205M5 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Date:12/
18/04
SPX5205 150mA, Low Noise LDO Voltage Regulator
© Copyright 2004 Sipex Corporation
ORDERING INFORMATION
PART NUMBER
TOP MARK
ACC.
OUTPUT VOLTAGE
PACKAGE
SPX5205M5 .............. H1WW ................. 1% ...................... Adj ................... 5 Pin SOT-23
SPX5205M5/TR ........ H1WW ................. 1% ...................... Adj ................... 5 Pin SOT-23
SPX5205M5-1.2 .......... R12 ................... 1% ..................... 1.2V .................. 5 Pin SOT-23
SPX5205M5-1.2/TR ..... R12 ................... 1% ..................... 1.2V .................. 5 Pin SOT-23
SPX5205M5-1.5 .......... R15 ................... 1% ..................... 1.5V .................. 5 Pin SOT-23
SPX5205M5-1.5/TR ..... R15 ................... 1% ..................... 1.5V .................. 5 Pin SOT-23
SPX5205M5-1.8 .......... R18 ................... 1% ..................... 1.8V .................. 5 Pin SOT-23
SPX5205M5-1.8/TR ..... R18 ................... 1% ..................... 1.8V .................. 5 Pin SOT-23
SPX5205M5-2.0 .......... R20 ................... 1% ..................... 2.0V .................. 5 Pin SOT-23
SPX5205M5-2.0/TR ..... R20 ................... 1% ..................... 2.0V .................. 5 Pin SOT-23
SPX5205M5-2.5 .......... R25 ................... 1% ..................... 2.5V .................. 5 Pin SOT-23
SPX5205M5-2.5/TR ..... R25 ................... 1% ..................... 2.5V .................. 5 Pin SOT-23
SPX5205M5-2.8 .......... R28 ................... 1%......................2.8V...................5 Pin SOT-23
SPX5205M5-2.8/TR ..... R28 ................... 1%......................2.8V...................5 Pin SOT-23
SPX5205M5-3.0............R30.....................1% .....................3.0V...................5 PIN SOT-23
SPX5205M5-3.0/TR......R30.....................1% .....................3.0V...................5 PIN SOT-23
SPX5205M5-3.3 .......... R33 ................... 1% ..................... 3.3V .................. 5 Pin SOT-23
SPX5205M5-3.3/TR ..... R33 ................... 1% ..................... 3.3V .................. 5 Pin SOT-23
SPX5205M5-5.0 .......... R50 ................... 1% ..................... 5.0V .................. 5 Pin SOT-23
SPX5205M5-5.0/TR ..... R50 ................... 1% ..................... 5.0V .................. 5 Pin SOT-23
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Available in lead free packaging. To order add “-L” suffix to part number.
Example: SPX5205M5-5.0/TR = standard; SPX5205M5-5.0-L/TR = lead free
Note that for top markings on small packages, when the bar is added to indicate lead-free parts, it can be
mistaken as a “1” or an “I”.
/TR = Tape and Reel
Pack quantity is 2,500 for 5pin SOT-23



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com