Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX29150 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SPX29150
Description  1.5A Low Dropout Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29150 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SPX29150 Datasheet HTML 5Page - Sipex Corporation SPX29150 Datasheet HTML 6Page - Sipex Corporation SPX29150 Datasheet HTML 7Page - Sipex Corporation SPX29150 Datasheet HTML 8Page - Sipex Corporation SPX29150 Datasheet HTML 9Page - Sipex Corporation SPX29150 Datasheet HTML 10Page - Sipex Corporation SPX29150 Datasheet HTML 11Page - Sipex Corporation SPX29150 Datasheet HTML 12Page - Sipex Corporation SPX29150 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
3
Rev A 8/5/06
SP2950/5/52/53 .5A Low Dropout voltage Regulator
© Copyright 2006 Sipex Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the applica-
tion or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
PowerPC is a registered trademark of IBM.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
PART NUMBER
ACCURACY OUTPUT VOLTAGE
PACKAGE
SPX29150U-1-8
1.0%
1.8V
3 lead TO-220
SPX29150U-2-5
1.0%
2.5V
3 lead TO-220
SPX29150U-3-3
1.0%
3.3V
3 lead TO-220
SPX29150U-5-0
1.0%
5.0V
3 lead TO-220
SPX29150T-1-8
1.0%
1.8V
3 lead TO-263
SPX29150T-1-8/TR
1.0%
1.8V
3 lead TO-263
SPX29150T-2-5
1.0%
2.5V
3 lead TO-263
SPX29150T-2-5/TR
1.0%
2.5V
3 lead TO-263
SPX29150T-3-3
1.0%
3.3V
3 lead TO-263
SPX29150T-3-3/TR
1.0%
3.3V
3 lead TO-263
SPX29150T-5-0
1.0%
5.0V
3 lead TO-263
SPX29150T-5-0/TR
1.0%
5.0V
3 lead TO-263
SPX29151U5-1-8
1.0%
1.8V
5 lead TO-220
SPX29151U5-2-5
1.0%
2.5V
5 lead TO-220
SPX29151U5-3-3
1.0%
3.3V
5 lead TO-220
SPX29151U5-5-0
1.0%
5.0V
5 lead TO-220
SPX29151T5-1-8
1.0%
1.8V
5 lead TO-263
SPX29151T5-1-8/TR
1.0%
1.8V
5 lead TO-263
SPX29151T5-2-5
1.0%
2.5V
5 lead TO-263
SPX29151T5-2-5/TR
1.0%
2.5V
5 lead TO-263
SPX29151T5-3-3
1.0%
3.3V
5 lead TO-263
SPX29151T5-3-3/TR
1.0%
3.3V
5 lead TO-263
SPX29151T5-5-0
1.0%
5.0V
5 lead TO-263
SPX29151T5-5-0/TR
1.0%
5.0V
5 lead TO-263
SPX29152T5
1.0%
Adj
5 lead TO-263
SPX29152T5/TR
1.0%
Adj
5 lead TO-263
SPX29152U5
1.0%
Adj
5 lead TO-220
SPX29153T5
1.0%
Adj
5 lead TO-263
SPX29153T5/TR
1.0%
Adj
5 lead TO-263
SPX29153U5
1.0%
Adj
5 lead TO-220
ORDERINGINFORMATION
Available in lead free packaging. To order add “-L” suffix to part number.
Example: SPX29153T5/TR = standard; SPX29153T5-L/TR = lead free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com