Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX29300 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SPX29300
Description  3A High Current, Low Dropout Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29300 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SPX29300 Datasheet HTML 3Page - Sipex Corporation SPX29300 Datasheet HTML 4Page - Sipex Corporation SPX29300 Datasheet HTML 5Page - Sipex Corporation SPX29300 Datasheet HTML 6Page - Sipex Corporation SPX29300 Datasheet HTML 7Page - Sipex Corporation SPX29300 Datasheet HTML 8Page - Sipex Corporation SPX29300 Datasheet HTML 9Page - Sipex Corporation SPX29300 Datasheet HTML 10Page - Sipex Corporation SPX29300 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
Date: 9/5/06 Rev C
SPX29300/01/02/03 3A Low Dropout Voltage Regulator
© 2006 Sipex Corporation
PART NUMBER
ACCURACY
OUTPUT VOLTAGE
PACKAGE
SPX29301U5-1-8
1.0%
1.8V
5 lead TO-220
SPX29301U5-2-5
1.0%
2.5V
5 lead TO-220
SPX29301U5-3-3
1.0%
3.3V
5 lead TO-220
SPX29301U5-5-0
1.0%
5.0V
5 lead TO-220
SPX29301T5-1-8
1.0%
1.8V
5 lead TO-263
SPX29301T5-1-8/TR
1.0%
1.8V
5 lead TO-263
SPX29301T5-2-5
1.0%
2.5V
5 lead TO-263
SPX29301T5-2-5/TR
1.0%
2.5V
5 lead TO-263
SPX29301T5-3-3
1.0%
3.3V
5 lead TO-263
SPX29301T5-3-3/TR
1.0%
3.3V
5 lead TO-263
SPX29301T5-5-0
1.0%
5.0V
5 lead TO-263
SPX29301T5-5-0/TR
1.0%
5.0V
5 lead TO-263
SPX29302T5
1.0%
Adj
5 lead TO-263
SPX29302T5/TR
1.0%
Adj
5 lead TO-263
SPX29302U5
1.0%
Adj
5 lead TO-220
SPX29303T5
1.0%
Adj
5 lead TO-263
SPX29303T5/TR
1.0%
Adj
5 lead TO-263
SPX29303U5
1.0%
Adj
5 lead TO-220
ORDERING INFORMATION
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SPX29302T5/TR = standard; SPX29302T5-L/TR = lead free
/TR = Tape and Reel
Pack quantity is 500 for TO-263.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com