Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD605 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD605
Description  6.0 AMPS 50 - 300 VOLTS 40 ns HYPERFAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD605 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD605 Datasheet HTML 1Page - Solid States Devices, Inc SPD605 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD
__ __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
│
│
│
│
│
│
│
│
│
│
└
Voltage/Family
605 = 50V
610 = 100V
620 = 200V
630 = 300V
SPD605 thru SPD630
and
SPD605SMS thru SPD630SMS
6.0 AMPS
50 ─ 300 VOLTS
40 ns HYPERFAST RECOVERY
RECTIFIER
FEATURES:
•
Hyper Fast Reverse Recovery: 40ns Maximum 4/
•
PIV to 300 Volts
•
Hermetically Sealed
•
Low Forward Voltage Drop
•
Void Free Chip Construction
•
For High Efficiency Applications
•
Available in Axial & Square Tab Versions
•
TX, TXV, and S-Level Screening Available
2/
• Replacement for: 1N 5807, US thru 1N5811, US
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse
Voltage
And
DC Blocking Voltage
SPD605
SPD610
SPD620
SPD630
VRRM
VRWM
VR
50
100
200
300
Volts
Average Rectified Forward Current (Resistive Load, 60Hz, Sine Wave, TA = 25°C )
IO
6.0
Amps
Peak Surge Current
(8.3 ms pulse, half sine wave, superimposed on Io, allow
junction to reach equilibrium between pulses, TA = 25°C)
IFSM
125
Amps
Operating & Storage Temperature
TJ and
TSTG
-65 to +175
°
C
Thermal Resistance
Junction to Lead for Axial, L =.375"
Junction to End Tab for Surface Mount
RθJL
RθJE
20
12
°
C/W
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/
IF = 500mA, IR = 1A, IRR = 250mA, TA = 25°C
Axial Leaded
SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0087D
DOC


Similar Part No. - SPD605

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD605 SSDI-SPD605 Datasheet
153Kb / 2P
HYPERFAST RECOVERY RECTIFIER
SPD605 SSDI-SPD605_1 Datasheet
153Kb / 2P
HYPERFAST RECOVERY RECTIFIER
More results

Similar Description - SPD605

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA160A SSDI-SDA160A Datasheet
223Kb / 2P
40 AMPS 50 ??300 VOLTS HYPER FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
SPD5802 SSDI-SPD5802 Datasheet
148Kb / 2P
LOW LEAKAGE 2.0 AMPS 50 - 150 VOLTS 25 ns HYPERFAST RECOVERY RECTIFIER
SPD5807 SSDI-SPD5807 Datasheet
148Kb / 2P
6.0 AMPS 50 - 150 VOLTS 40 ns HYPERFAST RECOVERY RECTIFIER
SDR623CT SSDI-SDR623CT Datasheet
229Kb / 2P
40 AMPS 300-500 VOLTS 35 nsec COMMON ANODE & CATHODE HYPERFAST CENTERTAP RECTIFIER
SPD805SMS SSDI-SPD805SMS Datasheet
410Kb / 2P
8 AMPS 50 - 300 VOLTS 40 nsec HYPER FAST RECTIFIER
SDR4405 SSDI-SDR4405 Datasheet
423Kb / 2P
10 AMPS 50 - 300 VOLTS 40 nsec HYPER FAST RECTIFIER
SPD205 SSDI-SPD205 Datasheet
148Kb / 2P
2.0 AMPS 50 - 300 VOLTS 25 ns HYPERFAST RECOVERY RECTIFIER
1N7066 SSDI-1N7066 Datasheet
213Kb / 2P
10 AMP 50 -150 VOLTS 30 ns HYPERFAST RECOVERY RECTIFIER
SPD6638 SSDI-SPD6638 Datasheet
115Kb / 2P
300 mA 50 - 125 VOLTS 4.5 - 6.0 nsec HYPER FAST RECOVERY RECTIFIER
SPD205 SSDI-SPD205_1 Datasheet
227Kb / 2P
25 ns HYPERFAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com