Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

500 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # 500
Description  Full ranges and compliance to international safety and quality standards ensure a professional and reliable tool
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

500 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  500 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRICE
NIST CALIBRATION
$ 69.00
$68.00
$119.00
$68.00
$149.00
$68.00
Technical Assistance (800) 343-1391
www.aemc.com 67
product includeS
Set of two test leads, two 1.5V AAA
batteries, soft carrying case and
user manual.
featureS
• Compact size - fits into
your pocket
• 400Aac or 400Aac/dc
current measurements
• 600Vac/dc volts
measurements
• TRMS measurements
(Model 502)
• Resistance
measurements to 400Ω
• Continuity with
beeper below 40Ω
• Frequency
measurements from
V and A (Model 502)
• Hold function to “freeze”
readings
• Push-button for
easy Adc zeroing
(Model 503)
• Large, easy-to-read
4000-count display
• 42-segment analog
bargraph
• Includes test leads
and soft carrying pouch
Models 500, 502 & 503
CLAMP-ON METERS
500 Series
Jaw Opening: 1.1" (28mm)
Conductor Size: one 500kcmil cable
SpecificationS
MODELS
500
502 TRMS
503
AC Current (Auto-Ranging)
0.05 to 400A
0.05 to 400Arms
0.05 to 400A
Resolution
0.1A
0.01A and 0.1A
0.01A and 0.1A
Accuracy
50 to 60Hz
60 to 500Hz
±2% of Reading ± 5cts
±2.8% of Reading ± 5cts
±1.9% of Reading ± 5cts
±2.5% of Reading ± 5cts
±1.5% of Reading ± 10cts
±2.5% of Reading ± 10cts
AC Voltage (Auto-Ranging)
0.5 to 600V
0.5 to 600Vrms
0.5 to 600V
Resolution
0.1V and 1V
0.1V and 1V
0.1V and 1V
Accuracy
50 to 60Hz
60 to 500Hz
±1.0% of Reading ± 5cts
±1.5% of Reading ± 5cts
±1.5% of Reading ± 5cts
±1.5% of Reading ± 5cts
±0.8% of Reading ± 5cts
±1.5% of Reading ± 5cts
Input Impedance
1M
Ω
1M
Ω
10M
Ω
DC Current (Auto-Ranging)
–
–
0.10 to 400A
Resolution
–
–
0.01A and 0.1A
Accuracy
–
–
±2.5% of Reading ± 10cts
DC Voltage (Auto-Ranging)
–
0.2 to 600V
0.2 to 600V
Resolution
–
0.1V and 1V
0.1V and 1V
Accuracy
–
±1% of Reading ± 2cts
±1% of Reading ± 2cts
Input Impedance
–
1M
Ω
10M
Ω
Resistance
0.3 to 400
Ω
0.2 to 400
Ω
0.2 to 400
Ω
Accuracy
±1.9% of Reading ± 3cts
±1% of Reading ± 2cts
±1% of Reading ± 2cts
Max Test Voltage
-1.6Vdc
1.5VDC
1.5VDC
Continuity
<35
Ω
<40
Ω
<40
Ω
Max Test Voltage
1.5VDC
1.5VDC
1.5VDC
Frequency (Auto-Ranging)
CURRENT INPUT
Range
20Hz to 4kHz
>4kHz to 10kHz
–
–
1Hz Resolution
10Hz Resolution
–
–
Accuracy
–
±0.1% of Reading ± 1ct
–
Min Input Signal
–
2Arms
–
Input Impedance
–
1M
Ω
–
Overload Protection
–
600Arms
–
VOLTAGE INPUT
Range
10Hz to 4kHz
>4kHz to 40kHz
>40kHz to 400kHz
–
1Hz Resolution
–
–
10Hz Resolution
–
–
100Hz Resolution
–
Accuracy
–
±0.1% of Reading ± 1ct
–
Min Input Signal 4kHz
40kHz
400kHz
–
5Vrms
–
–
5Vrms
–
–
5Vrms
–
Input Impedance
–
1M
Ω
–
Overload Protection
–
600Vrms
–
Power Source
Two 1.5V AAA batteries (included)
catalog no.
DescRIptIon
2117.54
Clamp-On Meter Model 500 (AC, 400Aac, 600Vac, Ohms, Continuity)
2117.66
Clamp-On Meter Model 502 (TRMS, 400Aac, 600Vac/dc, Ohms, Continuity)
2117.22
Clamp-On Meter Model 503 (AC/DC, 400Aac/dc, 600Vac/dc, Ohms, Continuity)
Full ranges and
compliance to
international
safety and quality
standards ensure
a professional and
reliable tool
Special
product
features
▼
TO 400A
TAL
R E A D
OG
BARG
S IZ E
PO
CKET
A S
U R E M
E


Similar Part No. - 500

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
500 SWITCH-500 Datasheet
30Kb / 1P
JACK COVERS
logo
Make-Ps
500 MAKE-PS-500 Datasheet
193Kb / 4P
Single & Dual Output DC/DC Converter
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
SLIDE SWITCHES
logo
Honeywell Solid State E...
500 HONEYWELL-500 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
3M Electronics
500 3M-500 Datasheet
30Kb / 2P
Repulpable Barricade Tapes 500 Series
Feb-2009
More results

Similar Description - 500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A41-25-10 ETC-A41-25-10 Datasheet
408Kb / 2P
International Standards at Lower Cost and Better Performance
T0814 ETC1-T0814 Datasheet
162Kb / 4P
Professional quality Hacksaws and Junior Hacksaws
logo
Omron Electronics LLC
D4N OMRON-D4N Datasheet
6Mb / 24P
Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
logo
List of Unclassifed Man...
HN5-9-OV-A ETC2-HN5-9-OV-A Datasheet
374Kb / 7P
World-wide ac input ranges and safety standards
logo
Cymbet Corporation
PI-72-04 CYMBET-PI-72-04 Datasheet
321Kb / 11P
EnerChip Standards Compliance and Use Procedures
logo
Texas Instruments
BQ24157S TI1-BQ24157S Datasheet
3Mb / 45P
Full USB Compliance and USB-OTG Support
logo
Bel Fuse Inc.
A41 BEL-A41 Datasheet
1Mb / 3P
International Standards at Lower Cost and Better Performance
A41-L BEL-A41-L Datasheet
1,017Kb / 3P
International Standards at Lower Cost and Better Performance
IF-2-10 BEL-IF-2-10 Datasheet
1,019Kb / 3P
For Critical Height and International Safety Requirements
logo
Kingston Technology Far...
MLPR2 KINGSTON-MLPR2 Datasheet
179Kb / 2P
CANVAS REACT PLUS SD Creativity and Inspiration in Professional Quality
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com