Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDU-634C3 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ACPDU-634C3
Description  AC PDU BS 1363 INLET 4X C13 OUTLETS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ACPDU-634C3 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ACPDU-634C3 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DREBECK
1.732
44
5.906
150
5.315
135
CRS.
1.496
38
NOTES:-
CONNECTOR TYPE: C13
1.
RATING: 10A, 250VAC
2.
FEATURES:
3.
4X OUTLETS
PACKAGING NOTE:
4.
CONNECTOR SHALL BE INDIVIDUALLY PACKAGED, LABEL PER ILS-100
ALL DIMENSIONS FOR REFERENCE ONLY
5.
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
A
INITIAL RELEASE
09/22/2023
PSRINIVAS
DREBECK
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
ACPDU-634C3-LC
A
1
1
DFRISIELLO
09/22/2023
09/22/2023
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
CAGE CODE
AC PDU BS 1363 INLET 4X C13 OUTLETS
IEC CONNECTORS_POWER
DISTRIBUTION UNITS
UNLESS OTHERWISE SPECIFIED,
PSRINIVAS
COLOR VARIATIONS
MAY OCCUR
09/22/2023
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
T-Rev.D1
ALL OTHER DIMENSIONAL TOLERANCES:
THIRD-ANGLE PROJECTION
50 High Street, West Mill,
North Andover, MA 01845 USA.
Phone: 1.800.341.5266
1.978.682.6936
43321
CAD FILE: ACPDU-634C3-LC.SLDDRW
ANGLES ± 1°
± 1/32
FRACTIONS
.X = .2 [5]
.XX = .02 [.5]
.XXX = .005 [.13]


Similar Part No. - ACPDU-634C3

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ACPDU-635C3-R1LF L-COM-ACPDU-635C3-R1LF Datasheet
124Kb / 1P
AC PDU BS 1363 INLET 5X C13 OUTLETS SWITCH FUSEHOLDER
02/07/2024
More results

Similar Description - ACPDU-634C3

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
14012 POWERDYNAMICS-14012 Datasheet
52Kb / 1P
BRITISH FUSED CORD SET 250cm LONG BS 1363 TO IEC 60320 C13, 13A FUSE
PD-16UK POWERDYNAMICS-PD-16UK Datasheet
43Kb / 1P
BS-1363 UNITED KINGDOM RECEPTACLE 13A 250VAC
logo
List of Unclassifed Man...
PDU12IEC ETC2-PDU12IEC Datasheet
487Kb / 5P
Single-Phase Basic PDU, 1.6-3.8kW 16A 100-240V 1U Horizontal Rackmount, 12 C13 and 2 C19 outlets, C20 inlet
logo
Tripp Lite. All Rights ...
PDU12IEC TRIPPLITE-PDU12IEC_15 Datasheet
480Kb / 3P
1.6-3.8kW Single-Phase Basic PDU, 100-240V Outlets (12-C13 and 2-C19), C20 16A Inlet, 1U Rack-Mount
P056006 TRIPPLITE-P056006 Datasheet
468Kb / 2P
Standard UK Computer Power Cord, 5A (IEC-320-C13 to BS-1363 UK Plug), 6-ft
P056-006 TRIPPLITE-P056-006 Datasheet
471Kb / 3P
Standard UK Computer Power Cord, 10A (IEC-320-C13 to BS-1363 UK Plug) 6-ft
CSCXB36AC TRIPPLITE-CSCXB36AC Datasheet
167Kb / 3P
36-Device AC Charging Station Cart for Chromebooks and Laptops, BS 1363, 230V - 3 m Cord
P052-008 TRIPPLITE-P052-008 Datasheet
165Kb / 2P
UK Power Cable with BS 1363 Plug - C19 to BS 1363, 13A, 250V, 16 AWG, 8 ft. (2.4 m), Black
PS410HGUK TRIPPLITE-PS410HGUK Datasheet
163Kb / 3P
UK BS-1363 Medical-Grade Power Strip with 4 UK Outlets, 3m Cord
PS610HGUK TRIPPLITE-PS610HGUK Datasheet
161Kb / 3P
UK BS-1363 Medical-Grade Power Strip with 6 UK Outlets, 3m Cord
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com