Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDU-635C3-R1LF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ACPDU-635C3-R1LF
Description  AC PDU BS 1363 INLET 5X C13 OUTLETS SWITCH FUSEHOLDER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ACPDU-635C3-R1LF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ACPDU-635C3-R1LF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LC LG Rev-D5 Asize
UNLESS OTHERWISE SPECIFIED
LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
ALL DIMENSIONS ARE FOR REFERENCE ONLY
AND SUBJECT TO CHANGE WITHOUT NOTICE.
UN-DIMENSIONED/NON-CRITICAL FEATURES
MAY VARY IN SIZE AND LOCATION
COLORS MAY VARY
TOLERANCES:
.XXX = ±.005 [0.13]
.XX = ±.02 [0.5]
.X = ±.2 [5]
± 1/32
FRACTIONS
ANGLES ± 1°
CABLE LENGTH TOLERANCES:
≤12 [305] = +1 [25] / -0
>12 [305] ≤ 60 [1524] = +2 [51] / -0
>60 [1524] ≤ 120 [3048] = +4 [102] / -0
>120 [3048] ≤ 300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
Website: www.L-com.com
Phone: 1.800.341.5266 │ 1.978.682.6936
43321
8.900
226
2.303
58.5
1.575
40
NOTES:-
CONNECTOR TYPE: C13
1.
RATING: 10A, 250VAC
2.
FEATURES:
3.
5X OUTLETS ON/OFF SWITCH SINGLE FUSEHOLDER
PACKAGING NOTE:
4.
CONNECTOR SHALL BE INDIVIDUALLY PACKAGED, LABEL PER LSP-010-5.
ALL DIMENSIONS FOR REFERENCE ONLY
5.
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
B
UPDATED PER ECO-13411
02/07/2024
HBAKKE
DREBECK
ITEM NO.
1 OF 1
REV
CAGE CODE
SIZE
A
DRAWN BY
ACPDU-635C3-R1LF-LC
B
AC PDU BS 1363 INLET 5X C13 OUTLETS SWITCH FUSEHOLDER
PSRINIVAS
SHEET
SCALE
NONE
INTERPRET ALL DIMENSIONS AND
TOLERANCES PER ASME Y14.5
A
A
B
B
C
C
D
D
E
E
F
F
6
6
5
5
4
4
3
3
2
2
1
1
DESCRIPTION
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF INFINITE ELECTRONICS, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF INFINITE ELECTRONICS, INC. IS PROHIBITED. THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE
EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW
PROHIBITED.


Similar Part No. - ACPDU-635C3-R1LF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ACPDU-634C3 L-COM-ACPDU-634C3 Datasheet
84Kb / 1P
AC PDU BS 1363 INLET 4X C13 OUTLETS
09/22/2023
More results

Similar Description - ACPDU-635C3-R1LF

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
14012 POWERDYNAMICS-14012 Datasheet
52Kb / 1P
BRITISH FUSED CORD SET 250cm LONG BS 1363 TO IEC 60320 C13, 13A FUSE
PD-16UK POWERDYNAMICS-PD-16UK Datasheet
43Kb / 1P
BS-1363 UNITED KINGDOM RECEPTACLE 13A 250VAC
logo
List of Unclassifed Man...
PDU12IEC ETC2-PDU12IEC Datasheet
487Kb / 5P
Single-Phase Basic PDU, 1.6-3.8kW 16A 100-240V 1U Horizontal Rackmount, 12 C13 and 2 C19 outlets, C20 inlet
logo
Tripp Lite. All Rights ...
PDU12IEC TRIPPLITE-PDU12IEC_15 Datasheet
480Kb / 3P
1.6-3.8kW Single-Phase Basic PDU, 100-240V Outlets (12-C13 and 2-C19), C20 16A Inlet, 1U Rack-Mount
P056006 TRIPPLITE-P056006 Datasheet
468Kb / 2P
Standard UK Computer Power Cord, 5A (IEC-320-C13 to BS-1363 UK Plug), 6-ft
P056-006 TRIPPLITE-P056-006 Datasheet
471Kb / 3P
Standard UK Computer Power Cord, 10A (IEC-320-C13 to BS-1363 UK Plug) 6-ft
logo
Schurter Inc.
0040 SCHURTER-0040 Datasheet
43Kb / 1P
AC Inlet with 5 x 20mm Fuseholder
logo
Qualtek Electronics Cor...
723 QUALTEK-723 Datasheet
364Kb / 1P
INLET WITH FUSEHOLDER
logo
Tripp Lite. All Rights ...
PS410HGUK TRIPPLITE-PS410HGUK Datasheet
163Kb / 3P
UK BS-1363 Medical-Grade Power Strip with 4 UK Outlets, 3m Cord
PS610HGUK TRIPPLITE-PS610HGUK Datasheet
161Kb / 3P
UK BS-1363 Medical-Grade Power Strip with 6 UK Outlets, 3m Cord
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com