Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDU-C46C3-R1LF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ACPDU-C46C3-R1LF
Description  AC PDU C14 INLET 6X C13 OUTLETS SWITCH FUSEHOLDER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ACPDU-C46C3-R1LF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ACPDU-C46C3-R1LF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LC LG Rev-D5 Asize
UNLESS OTHERWISE SPECIFIED
LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
ALL DIMENSIONS ARE FOR REFERENCE ONLY
AND SUBJECT TO CHANGE WITHOUT NOTICE.
UN-DIMENSIONED/NON-CRITICAL FEATURES
MAY VARY IN SIZE AND LOCATION
COLORS MAY VARY
TOLERANCES:
.XXX = ±.005 [0.13]
.XX = ±.02 [0.5]
.X = ±.2 [5]
± 1/32
FRACTIONS
ANGLES ± 1°
CABLE LENGTH TOLERANCES:
≤12 [305] = +1 [25] / -0
>12 [305] ≤ 60 [1524] = +2 [51] / -0
>60 [1524] ≤ 120 [3048] = +4 [102] / -0
>120 [3048] ≤ 300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
Website: www.L-com.com
Phone: 1.800.341.5266 │ 1.978.682.6936
43321
5.157
131
SQUARE
1.579
40.1
NOTES:-
CONNECTOR TYPE: C14
1.
RATING: 10A, 250VAC
2.
FEATURES:
3.
6X C13 OUTLETS ON/OFF SWITCH SINGLE FUSEHOLDER
PACKAGING NOTE:
4.
CONNECTOR SHALL BE INDIVIDUALLY PACKAGED, LABEL PER LSP-010-5.
ALL DIMENSIONS FOR REFERENCE ONLY
5.
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
B
UPDATED PER ECO-13411
02/07/2024
HBAKKE
DREBECK
ITEM NO.
1 OF 1
REV
CAGE CODE
SIZE
A
DRAWN BY
ACPDU-C46C3-R1LF-LC
B
AC PDU C14 INLET 6X C13 OUTLETS SWITCH FUSEHOLDER
PSRINIVAS
SHEET
SCALE
NONE
INTERPRET ALL DIMENSIONS AND
TOLERANCES PER ASME Y14.5
A
A
B
B
C
C
D
D
E
E
F
F
6
6
5
5
4
4
3
3
2
2
1
1
DESCRIPTION
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF INFINITE ELECTRONICS, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF INFINITE ELECTRONICS, INC. IS PROHIBITED. THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE
EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW
PROHIBITED.


Similar Part No. - ACPDU-C46C3-R1LF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ACPDU-C46C3-F L-COM-ACPDU-C46C3-F Datasheet
131Kb / 1P
AC PDU C14 INLET 6X C13 OUTLETS FUSEHOLDER
02/07/2024
More results

Similar Description - ACPDU-C46C3-R1LF

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1060 SCHURTER-1060 Datasheet
426Kb / 3P
IEC Appliance Inlet C14 with Fuseholder 1-pole
4707 SCHURTER-4707 Datasheet
439Kb / 3P
IEC Appliance Inlet C14 with Fuseholder 2-pole
6200 SCHURTER-6200 Datasheet
488Kb / 3P
IEC Appliance Inlet C14 with Fuseholder 1-pole
6205 SCHURTER-6205 Datasheet
472Kb / 3P
IEC Appliance Inlet C14 with Fuseholder 1-pole
6220 SCHURTER-6220 Datasheet
468Kb / 3P
IEC Appliance Inlet C14 with Fuseholder 2-pole
8842 SCHURTER-8842 Datasheet
459Kb / 3P
IEC Appliance Inlet C14 with Fuseholder 2-pole
6220 SCHURTER-6220_17 Datasheet
371Kb / 5P
IEC Appliance Inlet C14 with Fuseholder 2-pole
6220 SCHURTER-6220_18 Datasheet
384Kb / 5P
IEC Appliance Inlet C14 with Fuseholder 2-pole
1060 SCHURTER-1060_13 Datasheet
457Kb / 4P
IEC Appliance Inlet C14 with Fuseholder 1-pole
6220 SCHURTER-6220_V01 Datasheet
392Kb / 5P
IEC Appliance Inlet C14 with Fuseholder 2-pole
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com