Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALQ2-DFDFB Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # ALQ2-DFDFB
Description  7/16 DIN Female to Female Bulkhead Quarter Wave Lightning Surge Protector Model: ALQ2-DFDFB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ALQ2-DFDFB Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  ALQ2-DFDFB Datasheet HTML 1Page - Infinite Electronics International, Inc. ALQ2-DFDFB Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
Operational Note: This 1/4 wave protector is not for use with coaxial cables carrying a DC voltage such as in the
case of a remote-mounted amplifier or LNA. For applications requiring DC capability please see our Gas Tube coax
protectors.
Specifications
Mechanical Specifications
Connectors
7/16 DIN Female to 7/16 DIN Female Bulkhead
Shell/Body Material
CuSnZn3 Plated Brass
Contact Material
Gold/CuSnZn3 Plated Brass/Phosphor Bronze
Insulator
PTFE
Durability
≥ 500 Cycles
Dimensions (Max L x H x W)
3.2 x 3.1 x 1.1 in. (83.5 x 79 x 28mm)
Weight
1.0 lb. (0.4 kg)
Temperature Range
-67°F to +311°F (-55°C to +155°C)
Reference Standard
IEC60169-4
RoHS Compliant
Yes
Electrical Specifications
Frequency Range
800-2250 MHz
Impedance
50 Ohm
Insertion Loss
0.1 dB Max.
Dielectric Withstanding Voltage
4000V (RMS)
Contact Resistance
Center Conductor ≤ 0.4mΩ
Outer Conductor ≤ 1.5mΩ
Insulation Resistance
≥ 10000MΩ



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com