Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR4432 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR4432
Description  10 AMPS 50 - 300 VOLTS 40 nsec HYPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR4432 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR4432 Datasheet HTML 1Page - Solid States Devices, Inc SDR4432 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SDR4432

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR4004HFNS SSDI-SDR4004HFNS Datasheet
167Kb / 2P
40A 35nsec 400 to 600 V Hyper Fast Rectifier
SDR4004HFNTX SSDI-SDR4004HFNTX Datasheet
167Kb / 2P
40A 35nsec 400 to 600 V Hyper Fast Rectifier
SDR4004HFNTXV SSDI-SDR4004HFNTXV Datasheet
167Kb / 2P
40A 35nsec 400 to 600 V Hyper Fast Rectifier
SDR4004HFPS SSDI-SDR4004HFPS Datasheet
167Kb / 2P
40A 35nsec 400 to 600 V Hyper Fast Rectifier
SDR4004HFPTX SSDI-SDR4004HFPTX Datasheet
167Kb / 2P
40A 35nsec 400 to 600 V Hyper Fast Rectifier
More results

Similar Description - SDR4432

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR953 SSDI-SDR953 Datasheet
216Kb / 2P
50 AMP 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR953-61 SSDI-SDR953-61 Datasheet
215Kb / 2P
50 AMP 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SHF1402SMS SSDI-SHF1402SMS Datasheet
319Kb / 2P
40 AMPS 200- 600 VOLTS 30 nsec HYPER FAST RECTIFIER
SPD805SMS SSDI-SPD805SMS Datasheet
410Kb / 2P
8 AMPS 50 - 300 VOLTS 40 nsec HYPER FAST RECTIFIER
SPD502 SSDI-SPD502 Datasheet
303Kb / 2P
5 AMPS 200 - 600 VOLTS 40 nsec HYPER FAST RECTIFIER
SHF1100SM SSDI-SHF1100SM Datasheet
199Kb / 2P
1 AMP 50 - 300 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR953-3 SSDI-SDR953-3 Datasheet
48Kb / 2P
50 AMPS 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR5807CT SSDI-SDR5807CT Datasheet
318Kb / 2P
12 AMPS 50 - 300 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
1N6686 SSDI-1N6686 Datasheet
197Kb / 2P
20 AMPS 100 - 200 VOLTS 40 nsec HYPER FAST RECTIFIER
SPD805SMS SSDI-SPD805SMS_1 Datasheet
187Kb / 2P
8AMP 50-300 VOLTS 40 nsec Hyper Fast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com