Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHF1306 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SHF1306
Description  3 AMP, 400 - 800 Volts 40 - 50 nsec, Hyper Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SHF1306 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SHF1306 Datasheet HTML 1Page - Solid States Devices, Inc SHF1306 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SHF130 _6_ __ __ __
L Processing
= None
or TX , TXV, S
L Package
= Axial
SMS = Surface Mount
L Lead Dia
= .050" standard
A = .040" special order
L Voltage
4 = 400 V
6 = 600 V
8 = 800 V
Axial Leaded
Surface Mount (SMS)
SHF1304 thru SHF1308
SHF1304SMS thru SHF1308SMS
3 AMP, 400 – 800 Volts
40 - 50 nsec, Hyper Fast Rectifier
Features:
• Hyper Fast Recovery: 40 - 50 nsec
• PIV to 800 Volts
• Hermetically Sealed
• Void Free Construction
• For High Efficiency Applications
• Low Reverse Leakage
• Single Chip Construction
• Replaces UES 1304 Types
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage
SHF1304
SHF1306
SHF1308
VRRM
VR
400
600
800
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25ºC)
Io
3.0
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, Allow Junction to
Reach Equilibrium Between Pulses, TA = 25ºC)
IFSM
75
Amps
Operating & Storage Temperature
Top & Tstg
-65 to +175
ºC
Maximum Thermal Resistance
Junction to Lead, L = 3/8 "
Junction to End Tab
RθJL
RθJE
20
14
ºC/W
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0101C
DOC


Similar Part No. - SHF1306

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHF1306 SSDI-SHF1306 Datasheet
78Kb / 2P
HYPER FAST RECOVERY RECTIFIER 200-600 VOLTS
SHF1306 SSDI-SHF1306 Datasheet
102Kb / 2P
Hyper Fast Rectifier
More results

Similar Description - SHF1306

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR3KHF SSDI-SDR3KHF Datasheet
31Kb / 2P
3 AMP 800 - 1200 V 35 nsec Hyper Fast Rectifier
SDR953 SSDI-SDR953 Datasheet
216Kb / 2P
50 AMP 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR953-61 SSDI-SDR953-61 Datasheet
215Kb / 2P
50 AMP 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR9103CTN SSDI-SDR9103CTN Datasheet
171Kb / 2P
100 AMP, 300 - 500 VOLTS 40 nsec HYPER FAST CENTERTAP RECTIFIER
SPD805SMS SSDI-SPD805SMS Datasheet
410Kb / 2P
8 AMPS 50 - 300 VOLTS 40 nsec HYPER FAST RECTIFIER
SDR4405 SSDI-SDR4405 Datasheet
423Kb / 2P
10 AMPS 50 - 300 VOLTS 40 nsec HYPER FAST RECTIFIER
SHF1100SM SSDI-SHF1100SM Datasheet
199Kb / 2P
1 AMP 50 - 300 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR1304 SSDI-SDR1304 Datasheet
139Kb / 2P
3 AMP, 400 - 800 Volts 70 nsec, Ultra Fast Rectifier
SDR4GSMS SSDI-SDR4GSMS Datasheet
217Kb / 2P
3 AMP 400-1200 VOLTS 50-80 nsec ULTRA FAST RECTIFIER
SPD805SMS SSDI-SPD805SMS_1 Datasheet
187Kb / 2P
8AMP 50-300 VOLTS 40 nsec Hyper Fast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com