Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVC1660 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PVC1660
Description  MinFlexiNeck Mag light
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PVC1660 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PVC1660 Datasheet HTML 1Page - List of Unclassifed Manufacturers PVC1660 Datasheet HTML 2Page - List of Unclassifed Manufacturers PVC1660 Datasheet HTML 3Page - List of Unclassifed Manufacturers PVC1660 Datasheet HTML 4Page - List of Unclassifed Manufacturers PVC1660 Datasheet HTML 5Page - List of Unclassifed Manufacturers PVC1660 Datasheet HTML 6Page - List of Unclassifed Manufacturers PVC1660 Datasheet HTML 7Page - List of Unclassifed Manufacturers PVC1660 Datasheet HTML 8Page - List of Unclassifed Manufacturers PVC1660 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Product Code: LC8035/EUK
Description: Hobby Task Lamp
Features & Benefit:
Lightcraft Folding Task Lamp
Includes plug suitable for UK and EU countries
A portable, compact task lamp for hobby craft, reading and office use
Lamp switches on when unfolded
Includes inbuilt handle for portability
Technical specifications:
• 1 x 13 watt energy saving tube (LC8035/T) & shadow free light with low heat emission
Compact - only 25cm high & Cable length 1.5m
Gross weight: (KG)
• 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com