Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL1005/20 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OL1005/20
Description  MinFlexiNeck Mag light
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OL1005/20 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OL1005/20 Datasheet HTML 1Page - List of Unclassifed Manufacturers OL1005/20 Datasheet HTML 2Page - List of Unclassifed Manufacturers OL1005/20 Datasheet HTML 3Page - List of Unclassifed Manufacturers OL1005/20 Datasheet HTML 4Page - List of Unclassifed Manufacturers OL1005/20 Datasheet HTML 5Page - List of Unclassifed Manufacturers OL1005/20 Datasheet HTML 6Page - List of Unclassifed Manufacturers OL1005/20 Datasheet HTML 7Page - List of Unclassifed Manufacturers OL1005/20 Datasheet HTML 8Page - List of Unclassifed Manufacturers OL1005/20 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Product Code: LC8011/EUK
Description: Bench Task Lamp - Twin Tube
Features & Benefit:
Lightcraft Twin Tube Pro Task Lamp
Includes plug suitable for UK and EU countries
Ideal for lighting larger work spaces with shadow free light & low heat emission
An energy saving twin tube professional lamp
Robust metal construction
Easily positioned to suit
Technical specifications:
2 x 15 watt energy saving tubes (LC8011/T) & shadow free light with low heat emission
Includes bench clamp & Cable length 1.5m
Gross weight: (KG)
4.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com