Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP-11767. Datasheet(PDF) 1 Page - Bud Industries, Inc.

Part # PIP-11767.
Description  PIP SERIES - 10% FIBERGLASS BOX
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUD [Bud Industries, Inc.]
Direct Link  http://www.budind.com
Logo BUD - Bud Industries, Inc.

PIP-11767. Datasheet(HTML) 1 Page - Bud Industries, Inc.

  PIP-11767. Datasheet HTML 1Page - Bud Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5.12
130
5.12
130
2.56
65
4.41
112
TYP.
4.41
112
TYP.
1.77
45
1.88
47.67
TYP.
R.33
8.26
4X
R.12
3
TYP.
1.77
45
1.48
37.47
1.48
37.47
1.77
45.01
1.77
45.01
.12
3
(8X)
.32
8
(8X)
3.54
90
2.20
56
1.88
47.67
TYP.
2.56
65
A
A
CL
BODY
.35
8.89
DEEP
TYP.
.12
3
2.03
51.50
.20
5
TYP.
.28
7
TYP.
.04
1
PADS
TYP.
4.74
120.52
.28
7
BOSS
HEIGHT
SECTION A-A
3.94
100
3.94
100
B
B
RECESS
.10
2.50
.39
10
.02
0.50
RECESS
.13
3.33
4.75
120.77
SECTION B-B
4.41
112
TYP.
4.41
112
TYP.
5.12
130
5.12
130
.30
7.50
TYP.
R.21
5.25
TYP.
.35
9
TYP.
.35
9
TYP.
.41
10.50
TYP.
R.35
9
TYP.
R.12
3
TYP.
CONTINUOUS
GASKET
C
C
D
D
E
E
4.74
120.52
2.36
60
.04
1
PADS
TYP.
2.11
53.67
REF.
SECTION C-C
.28
7
TYP.
.30
7.50
TYP.
.43
10.95
TYP.
3.75
95.33
1.69
43.02
TYP.
.12
2.99
TYP.
.16
4.18
TYP. 4
.16
4
TYP.
.12
3
TYP.
.46
11.74
SECTION D-D
MATING THREAD
FOR CAPTIVE SCREW
COVER
4.74
120.52
AT BOTTOM
3.75
95.33
SECTION E-E
COVER - TOP VIEW
COVER - BACK VIEW
COVER
BODY
ASSEMBLY
ISOMETRIC
NOTES:
1- MATERIAL: BODY AND COVER - POLYCARBONATE
10% FIBERGLASS REINFORCED
2- FINISH: BODY - LIGHT GRAY
COVER - LIGHT GRAY/CLEAR
3- ALL HOLE DIAMETERS HAVE +/-.005[.13] TOLERANCE
ALL OTHER DIMENSIONS HAVE +/-.03[.76] TOLERANCE
UNLESS OTHERWISE SPECIFIED
4- SUPPLIED WITH NON-METALLIC CAPTIVE SCREWS
5- FOUR M4 THREAD FORMING SCREWS SUPPLIED
6- DIMENSIONS ARE INCH[MM]
CL
3-28-14
PIP SERIES - 10% FIBERGLASS BOX
PIP-11767 PIP-11767-C
PART
NAME
PART
No.
REVISION
DATE


Similar Part No. - PIP-11767.

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
PIP-11767 BUD-PIP-11767 Datasheet
321Kb / 1P
NEMA Box Accessories
More results

Similar Description - PIP-11767.

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74401E SANYO-LC74401E Datasheet
391Kb / 19P
PIP Controllers
LC74411N SANYO-LC74411N Datasheet
174Kb / 14P
PIP Controller
LC7442 SANYO-LC7442 Datasheet
404Kb / 22P
PIP Controller?
logo
Siemens Semiconductor G...
SDA9189X SIEMENS-SDA9189X Datasheet
975Kb / 55P
Quarter PIP Processor
logo
List of Unclassifed Man...
SP-1100ST ETC2-SP-1100ST Datasheet
387Kb / 2P
Fiberglass reinforced
logo
Laird Tech Smart Techno...
S8XXXB LSTD-S8XXXB Datasheet
903Kb / 1P
Fiberglass enclosures
logo
Linx Technologies
ANT-2.4-OM-CM-01-N LINX-ANT-2.4-OM-CM-01-N Datasheet
281Kb / 1P
Fiberglass radome construction
4-9-10
logo
T-Global Technology
TG-A3500F TGLOBAL-TG-A3500F Datasheet
472Kb / 1P
Fiberglass Mesh Series Thermal Pad
20230721
TG-A4500F TGLOBAL-TG-A4500F Datasheet
475Kb / 1P
Fiberglass Mesh Series Thermal Pad
20230721
TG-A6200F TGLOBAL-TG-A6200F Datasheet
453Kb / 1P
Fiberglass Mesh Series Thermal Pad
20230721
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com