Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP-11763. Datasheet(PDF) 1 Page - Bud Industries, Inc.

Part # PIP-11763.
Description  PIP SERIES - PC 10% FIBERGLASS BOX
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUD [Bud Industries, Inc.]
Direct Link  http://www.budind.com
Logo BUD - Bud Industries, Inc.

PIP-11763. Datasheet(HTML) 1 Page - Bud Industries, Inc.

  PIP-11763. Datasheet HTML 1Page - Bud Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BODY
B
B
C
C
A
A
4.75
120.5
3.08
78.2
REF.
SECTION B-B
.16
4.2
.43
10.9
.12
3
1.69
43
3.76
95.5
.16
4
.46
11.7
TYP.
.48
12.1
TYP.
.90
22.9
SECTION C-C
MATING THREAD
FOR CAPTIVE SCREW TYP.
1.79
45.5
2.78
70.5
SECTION A-A
5.12
130
3.15
80
4.41
112
R.32
8.3
R.12
3
.32
8
.12
3
1.57
40
2.44
62
1.48
37.5
1.48
37.5
3.54
90
2.56
65
.79
20
.79
20
E
E
1.97
50
3.94
100
D
D
RECESS
3.15
80
2.44
62
5.12
130
4.41
112
.30
7.5
R.21
5.2
TYP.
R.12
3
TYP.
R.35
9
TYP.
.41
10.5
CONTINUOUS GASKET
COVER
1.38
35
.02
0.5
RECESS
.16
4
.10
2.5
.18
4.5
.148
3.8
SECTION D-D
3.35
85
2.03
51.5
.20
5
.28
7
4.75
120.5
.32
8.2
.118
3
.04
1
PADS
SECTION E-E
COVER - TOP VIEW
COVER - BACK VIEW
COVER
BODY
ASSEMBLY
ISOMETRIC
NOTES:
1- MATERIAL: BODY AND COVER - POLYCARBONATE
10% FIBERGLASS REINFORCED
2- FINISH: BODY - LIGHT GRAY
COVER - LIGHT GRAY/CLEAR
3- ALL HOLE DIAMETERS HAVE +/-.005[.13] TOLERANCE
ALL OTHER DIMENSIONS HAVE +/-.03[.76] TOLERANCE
UNLESS OTHERWISE SPECIFIED
4- SUPPLIED WITH NON-METALLIC CAPTIVE SCREWS
5- FOUR M4 THREAD FORMING SCREWS SUPPLIED
6- DIMENSIONS ARE INCH[MM]
3-28-14
PIP SERIES - PC 10% FIBERGLASS BOX
PIP-11763
PART
NAME
PART
No.
REVISION
DATE
PIP-11763-C


Similar Part No. - PIP-11763.

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
PIP-11763 BUD-PIP-11763 Datasheet
321Kb / 1P
NEMA Box Accessories
More results

Similar Description - PIP-11763.

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74401E SANYO-LC74401E Datasheet
391Kb / 19P
PIP Controllers
LC74411N SANYO-LC74411N Datasheet
174Kb / 14P
PIP Controller
LC7442 SANYO-LC7442 Datasheet
404Kb / 22P
PIP Controller?
logo
List of Unclassifed Man...
SP-1100ST ETC2-SP-1100ST Datasheet
387Kb / 2P
Fiberglass reinforced
logo
Laird Tech Smart Techno...
S8XXXB LSTD-S8XXXB Datasheet
903Kb / 1P
Fiberglass enclosures
logo
Contec Co., Ltd
BX-M1000 CONTEC-BX-M1000 Datasheet
878Kb / 4P
BOX-PC Embedded computer
BX-S3000P2 CONTEC-BX-S3000P2 Datasheet
13Mb / 2P
Fanless BOX-PC
logo
DFI Inc
ST102-SD DFI-ST102-SD Datasheet
968Kb / 2P
Desktop Box PC
VC230-AL DFI-VC230-AL Datasheet
1Mb / 4P
In-Vehicle Box PC
logo
T-Global Technology
TG-A4500F TGLOBAL-TG-A4500F Datasheet
475Kb / 1P
Fiberglass Mesh Series Thermal Pad
20230721
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com