Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM1210-R33J-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PM1210-R33J-RC
Description  Chip Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM1210-R33J-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PM1210-R33J-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM1210-R33J-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.90 ± 0.2
(.114 ± .008)
3.20 ± 0.4
(.126 ± .016)
2.20 ± 0.2
(.087 ± .008)
0.60 +0.3/-0.0
(.024 +.012/-.000)
0.60 +0.3/-0.0
(.024 +.012/-.000)
2.50 ± 0.2
(.098 ± .008)
1.00 ± 0.2
(.039 ± .008)
0.75 +0.2
(.030 +.008)
0.75 +0.2
(.030 +.008)
1.9 ~ 2.4
(.075 ~ .094)
1.2 ~ 1.3
(.047 ~ .051)
1.6 ~ 2.0
(.063 ~ .079)
1.2 ~ 1.3
(.047 ~ .051)
Features
■ Formerly a
model
■ High resistance to heat and humidity
■ Resistance to mechanical shock and
pressure
■ Accurate dimensions for automatic
surface mounting
■ Inductance range: 1 to 150 µH
■ RoHS compliant*
Applications
■ Mobile phones
■ Cellular phones
■ CTV, VCR, HIC, FDD
PM1210 Series - Chip Inductor
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Resistance to Soldering Heat
.............................. 245 °C, 5 seconds
Temperature Rise ..........................20 °C
Rated Current .... Inductance drops 10 %
Electrical Specifications @25 °C
Bourns
Part No.
Inductance
Q
Min.
Test
Frequency
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(
Ω)
IDC
(mA)
µH
Tol. (%)
PM1210-1R0J-RC
1
± 5
30
7.96
120
0.7
400
PM1210-1R2J-RC
1.2
± 5
30
7.96
100
0.75
390
PM1210-1R5J-RC
1.5
± 5
30
7.96
85
0.85
370
PM1210-1R8J-RC
1.8
± 5
30
7.96
80
0.9
350
PM1210-2R2J-RC
2.2
± 5
30
7.96
75
1
320
PM1210-2R7J-RC
2.7
± 5
30
7.96
70
1.1
290
PM1210-3R3J-RC
3.3
± 5
30
7.96
60
1.2
260
PM1210-3R9J-RC
3.9
± 5
30
7.96
55
1.3
250
PM1210-4R7J-RC
4.7
± 5
30
7.96
50
1.5
220
PM1210-5R6J-RC
5.6
± 5
30
7.96
45
1.6
200
PM1210-6R8J-RC
6.8
± 5
30
7.96
40
1.8
180
PM1210-8R2J-RC
8.2
± 5
30
7.96
35
2
170
PM1210-100J-RC
10
± 5
30
2.52
30
2.1
150
PM1210-120J-RC
12
± 5
30
2.52
20
2.5
140
PM1210-150J-RC
15
± 5
30
2.52
20
2.8
130
PM1210-180J-RC
18
± 5
30
2.52
20
3.3
120
PM1210-220J-RC
22
± 5
30
2.52
20
3.7
110
PM1210-270J-RC
27
± 5
30
2.52
20
5
80
PM1210-330J-RC
33
± 5
30
2.52
17
5.6
70
PM1210-390J-RC
39
± 5
30
2.52
16
6.4
65
PM1210-470J-RC
47
± 5
30
2.52
15
7
60
PM1210-560J-RC
56
± 5
30
2.52
13
8
55
PM1210-680J-RC
68
± 5
30
2.52
12
9
50
PM1210-820J-RC
82
± 5
30
2.52
11
10
45
PM1210-101J-RC
100
± 5
20
0.796
10
11
40
PM1210-121J-RC
120
± 5
20
0.796
10
11
70
PM1210-151J-RC
150
± 5
20
0.796
8
15
65
General Specifications
Core..............................................Ferrite
Wire ........................... Enamelled copper
Enclosure............................. Epoxy resin
Terminal Finish ...................................Sn
Packaging...... 2,000 pcs. per 7-inch reel
Materials
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Recommended Layout
Schematic
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
EMEA:
Tel: +36 88 520 390 • Fax: +36 88 520 211
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - PM1210-R33J-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM1210-R33J ETC-PM1210-R33J Datasheet
165Kb / 1P
Chip Inductors
More results

Similar Description - PM1210-R33J-RC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008HT COILCRAFT-1008HT Datasheet
219Kb / 2P
Chip Inductor
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
logo
Bourns Electronic Solut...
CMH322522_MDS BOURNS-CMH322522_MDS Datasheet
225Kb / 1P
Chip Inductor
CS160808_MDS BOURNS-CS160808_MDS Datasheet
176Kb / 1P
Chip Inductor
logo
XFMRS Inc.
XFEB30-322513 XFMRS-XFEB30-322513 Datasheet
43Kb / 1P
CHIP INDUCTOR
XFWI453232-221J XFMRS-XFWI453232-221J Datasheet
44Kb / 1P
Chip Inductor
XFWI453232-820J XFMRS-XFWI453232-820J Datasheet
44Kb / 1P
Chip Inductor
logo
AiT Semiconductor Inc.
WCA AITSEMI-WCA Datasheet
371Kb / 7P
CHIP INDUCTOR
WCD AITSEMI-WCD Datasheet
277Kb / 5P
CHIP INDUCTOR
WCF AITSEMI-WCF Datasheet
367Kb / 8P
CHIP INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com