Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1605607 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1605607
Description  SF-7ES1N8A8LB2 - Cable connector
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1605607 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1605607 Datasheet HTML 1Page - PHOENIX CONTACT 1605607 Datasheet HTML 2Page - PHOENIX CONTACT 1605607 Datasheet HTML 3Page - PHOENIX CONTACT 1605607 Datasheet HTML 4Page - PHOENIX CONTACT 1605607 Datasheet HTML 5Page - PHOENIX CONTACT 1605607 Datasheet HTML 6Page - PHOENIX CONTACT 1605607 Datasheet HTML 7Page - PHOENIX CONTACT 1605607 Datasheet HTML 8Page - PHOENIX CONTACT 1605607 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable connector, straight long, Screw locking mechanism, M23, number of positions: 4+3+PE,
contact connection type: Socket, shielded: yes, degree of protection: IP67, cable diameter range:
12 mm ... 15 mm, number of positions: 8, connection method: Crimp connection, series: SF,
Alternative product in accordance with RoHS II without Exemption 6c (Pb < 0.1 %) item no.:
1241941
Your advantages
Consistent EMC protection for reliable connection solutions in the industrial environment
•
Crimping connection: vibration- and temperature-resistant assembly
•
Flexible use: reliably connect various cable diameters
•
Molded designs with preassembled cables on one or both sides
•
Commercial data
Item number
1605607
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
AB32
Product key
ABRBFA
Catalog page
Page 154 (C-2-2019)
GTIN
4046356253949
Weight per piece (including packing)
135.6 g
Weight per piece (excluding packing)
126 g
Customs tariff number
85366990
Country of origin
DE
SF-7ES1N8A8LB2 - Cable connector
1605607
https://www.phoenixcontact.com/us/products/1605607
Jul 2, 2024, 5:19 AM
Page 1 (17)


Similar Part No. - 1605607

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1605600000 WEIDMULLER-1605600000 Datasheet
283Kb / 4P
SL 5.08/09/135B 3.2SN OR BX
logo
PHOENIX CONTACT
1605602 PHOENIX-1605602 Datasheet
636Kb / 17P
SF-7ES1N8A80DU - Cable connector
1605605 PHOENIX-1605605 Datasheet
651Kb / 18P
SF-7ES1N8A8LB1 - Cable connector
1605608 PHOENIX-1605608 Datasheet
102Kb / 7P
Contact insert - HC-B 24-EBUQ-2,5-48
More results

Similar Description - 1605607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1605524 PHOENIX-1605524 Datasheet
144Kb / 9P
Cable connector - SF-5ES1N8A80A1
09/11/2020
1605602 PHOENIX-1605602 Datasheet
636Kb / 17P
SF-7ES1N8A80DU - Cable connector
1605545 PHOENIX-1605545 Datasheet
587Kb / 16P
SF-5ES1N8A8LB2 - Cable connector
1605529 PHOENIX-1605529 Datasheet
572Kb / 15P
SF-5ES1N8A80A3 - Cable connector
1605543 PHOENIX-1605543 Datasheet
587Kb / 16P
SF-5ES1N8A8LB1 - Cable connector
1605553 PHOENIX-1605553 Datasheet
546Kb / 13P
SF-5ES1N8AR4DU - Cable connector
1618201 PHOENIX-1618201 Datasheet
621Kb / 16P
SF-5ES1N8A8LB4S - Cable connector
1618202 PHOENIX-1618202 Datasheet
621Kb / 16P
SF-5ES1N8A8LDLS - Cable connector
1241909 PHOENIX-1241909 Datasheet
466Kb / 11P
SF-5ES1N8A80A3X - Cable connector
1243165 PHOENIX-1243165 Datasheet
514Kb / 12P
SF-5ES1N8A8LB1SX - Cable connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com