Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR623CT/CA Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR623CT/CA
Description  40A 35nsec 300-600 V Common Anode & Common Cathode Hyper Fast Centertap Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR623CT/CA Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR623CT/CA Datasheet HTML 1Page - Solid States Devices, Inc SDR623CT/CA Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
`
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
1/
6 Pin TO-259
SDR623CT/CA
thru
SDR626CT/CA
40A 35nsec 300-600 V
Common Anode & Common Cathode
Hyper Fast Centertap Rectifier
Features:
•
Hyper Fast Recovery: 35nsec Maximum
3/
•
Isolated Low Profile Package
•
Low Reverse Leakage Current
•
Eutectic Die Attach Available
•
Hermetically Sealed Package
•
Dual Centertap: 1 Common Anode,
1 Common Cathode
•
Optional Bent Leads Available
•
TX, TXV, and S-Level Screening Available
2/
Maximum Ratings
6/
Symbol
Value
Units
Peak Repetitive Reverse Voltage
SDR623CT/CA
SDR624CT/CA
SDR625CT/CA
SDR626CT/CA
VRRM
VRWM
VR
300
400
500
600
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25 °C)
Total
Io
80
Amps
Peak Surge Current
5/
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C)
IFSM
200
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +200
ºC
Maximum Total Thermal Resistance
Junction to Case
4/
Junction to Case
5/
RθJC
0.65
1.9
ºC/W
Notes:
1/ For ordering information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp, rec. to 0.25 Amp.
4/ All Legs Tied Together.
5/ Each Leg.
6/ Ratings at 25°C (Unless Otherwise Specified).
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0231G
DOC


Similar Part No. - SDR623CT/CA

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR623CT/CAP6 SSDI-SDR623CT/CAP6 Datasheet
229Kb / 2P
40JAMP 300-500VOLTS 35nsec COMMON ANODE& CATHODE HYPERFAST CENTERTAP RECTIFIER
More results

Similar Description - SDR623CT/CA

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR623CTM SSDI-SDR623CTM Datasheet
80Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR623CTJ SSDI-SDR623CTJ Datasheet
61Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR623CTS1 SSDI-SDR623CTS1 Datasheet
48Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR623CT-3 SSDI-SDR623CT-3 Datasheet
55Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR623CTC SSDI-SDR623CTC Datasheet
54Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SPD623CT SSDI-SPD623CT Datasheet
229Kb / 2P
40JAMP 300-500VOLTS 35nsec COMMON ANODE& CATHODE HYPERFAST CENTERTAP RECTIFIER
SDR620CT SSDI-SDR620CT_1 Datasheet
40Kb / 2P
80AMP 100-200Volts 35nsec COMMON ANODE & CATHODE HYPERFAST CENTERTAP RECTIFIER
RH0129 SSDI-RH0129_15 Datasheet
210Kb / 2P
HYPER FAST COMMON CATHODE CENTERTAP RECTIFIER
RH0133 SSDI-RH0133_15 Datasheet
214Kb / 2P
HYPER FAST COMMON CATHODE CENTERTAP RECTIFIER
1N6657 SSDI-1N6657 Datasheet
235Kb / 2P
HYPER FAST COMMON CATHODE CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com