Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA165EUF Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA165EUF
Description  10 AMPS 400 - 1000 VOLTS ULTRAFAST RECOVERY SINGLE PHASE BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA165EUF Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA165EUF Datasheet HTML 1Page - Solid States Devices, Inc SDA165EUF Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designer's Data Sheet
SOLID STATE DEVICES, INC.
FEATURES:
SDA165
10 AMPS
400 - 1000 VOLTS
ULTRAFAST RECOVERY
SINGLE PHASE BRIDGE
SDA165DUF
thru
SDA165GUF
• PIV 400 to 1000 Volts
• Average Output 10A.
• Reverse Recovery up to 70 ns
• Small Size
• Hermetically Sealed Rectifier Cells
• Easy PC Mounting
• Maximum Thermal Resistance 5.0oC/W
• -55 to +150oC Operating and Storage Temperature
• Available in Standard and Hyperfast Recovery Times
• TX, TXV, and S Level Screening Available
1.30
ELECTRICAL CHARACHTERISTICS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET # : RH0237B
Part
Number
Symbol
Units
Conditions
SDA165DUF
SDA165EUF
Peak
Inverse Voltage
(per Leg)
Average
Rectified
Current
Maximum
Surge Current
(1 Cycle)
Maximum
Forward Voltage
(per Leg)
PIV
IO
IFSM
VF
Volts
Amps
Amps
Volts
55oC25oCIF= 3A, TA= 25oC
10
75
1.20
400
10
75
1.20
600
NOTES:
1. Maximum forward voltage measured with instantaneous forward pulse of 300
µsec minimum.
2. Unless otherwise specified: TA = 25oC.
3/ tRR shall be as measured at
IF = 500mA, IR = 1.0A, IRR = 250 mA, TA= 25oC
Maximum
Reverse Current
(@ PIV)
IR
µµµµµA
25oC
100oC
10
1000
10
1000
25oC
SDA165FUF
10
75
1.40
800
10
250
SDA165GUF
10
75
1.40
1000
10
250
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Reverse
Recovery Time
(per Leg)
tRR
nsec
3/
60
60
70
70


Similar Part No. - SDA165EUF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA165E SSDI-SDA165E Datasheet
57Kb / 2P
10 AMPS 50 - 1000 VOLTS STANDARD RECOVERY SINGLE PHASE BRIDGE
SDA165EHF SSDI-SDA165EHF Datasheet
25Kb / 2P
6 - 10 AMPS 50 - 800 VOLTS HYPER FAST SINGLE PHASE BRIDGE
More results

Similar Description - SDA165EUF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA165A SSDI-SDA165A Datasheet
57Kb / 2P
10 AMPS 50 - 1000 VOLTS STANDARD RECOVERY SINGLE PHASE BRIDGE
SDA295A SSDI-SDA295A Datasheet
53Kb / 2P
5 AMPS 50 - 1000 VOLTS STANDARD RECOVERY THREE PHASE BRIDGE
SDA262EF-3 SSDI-SDA262EF-3 Datasheet
57Kb / 2P
50 AMPS 600 - 1000 VOLTS FAST RECOVERY THREE PHASE BRIDGE
SDA263AF-3 SSDI-SDA263AF-3 Datasheet
23Kb / 1P
75 AMPS 50 - 1000 VOLTS FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
SFA1202ME4 SSDI-SFA1202ME4 Datasheet
342Kb / 2P
10 AMPS 200 - 400 VOLTS 20 nsec HYPER SINGEL PHASE BRIDGE RECTIFIER
SDR1004UF SSDI-SDR1004UF Datasheet
207Kb / 2P
100 AMPS ULTRA FAST RECOVERY RECTIFIER 400- 1000 VOLTS
SDR1004 SSDI-SDR1004 Datasheet
241Kb / 2P
100 amps ultra fast recovery rectifier 400-1000 volts
SDA267AUF SSDI-SDA267AUF Datasheet
155Kb / 2P
10 AMPS 50 ??1000 VOLTS ULTRA FAST RECOVERY SINGLE PHASE BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB1005 MCC-MB1005_08 Datasheet
123Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Solid States Devices, I...
RH0237 SSDI-RH0237_15 Datasheet
27Kb / 2P
ULTRAFAST RECOVERY SINGLE PHASE BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com