Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7655EB Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7655EB
Description  Evaluation Board Manual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7655EB Datasheet(HTML) 1 Page - Sipex Corporation

  SP7655EB Datasheet HTML 1Page - Sipex Corporation SP7655EB Datasheet HTML 2Page - Sipex Corporation SP7655EB Datasheet HTML 3Page - Sipex Corporation SP7655EB Datasheet HTML 4Page - Sipex Corporation SP7655EB Datasheet HTML 5Page - Sipex Corporation SP7655EB Datasheet HTML 6Page - Sipex Corporation SP7655EB Datasheet HTML 7Page - Sipex Corporation SP7655EB Datasheet HTML 8Page - Sipex Corporation SP7655EB Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Date: 2/01/05
SP7655 Evaluation Manual
Copyright 2004 Sipex Corporation
SP7655EB SCHEMATIC
Easy Evaluation for the
SP7655ER 24V Input, 0 to 8A
Output Synchronous Buck
Converter
Built in Low Rds(on) Power FETs
UVLO Detects Both VCC and VIN
High Integrated Design, Minimal
Components
High Efficiency: 85%
Feature Rich: UVIN, Programmable
Softstart, External VCC Supply and
Output Dead Short Circuit Shutdown
SP7655
Evaluation Board Manual
All resistor & capacitor
i
0603 unless other wise
CBST
1uF
R3
499k,1%
L1 IHLP-2525CZ-01-2R2MTR
2.2uH, Irate=8A
U2
SPX5205
VIN
1
GND
2
EN
3
BYP
4
VOUT
5
C1
3.3uF
CVCC
2.2uF
U1
SP7655
PGND
1
PGND
2
PGND
3
GND
4
VFB
5
COMP
6
UVIN
7
GND
8
SS
9
VIN
10
VIN
11
VIN
12
VIN
13
LX
14
LX
15
LX
16
NC
17
BST
18
GND
19
GND
20
GND
21
VCC
22
LX
23
LX
24
LX
25
LX
26
DBST
CSS
47nF
CP1
15pF
3.30V
0-8A
50V
R2
21.5k,1%
GND
C3
47uF
C3
CERAMIC
1210
X5R
C4
3.3uF
Notes:
6.3V
24V
DCR=10.4mOhm
VIN
SD101AWS
U1 Bottom-Side Layout should
h
three Contacts which
isolated from one of another,
QT
& QB Drain Contact
d
Controller GND
Ctt
VOUT
RZ3
8.66k,1%
GND2
R4
100k,1%
C2
0.1uF
C1,C4
CERAMIC
1210
Y5V
50V
CZ3
120pF
CZ2
2,200pF
R1
68.1k,1%
RZ2
7.68k,1%
CF1
100pF
fs=300Khz
D1
MMSZ4678T1
Vz=12V


Similar Part No. - SP7655EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7655ER SIPEX-SP7655ER Datasheet
1Mb / 16P
Wide Input Voltage Range, 8Amp 300kHz, Buck Regulator
SP7655ER-L/TR SIPEX-SP7655ER-L/TR Datasheet
121Kb / 12P
Wide Input Voltage Range 8A, 300kHz, Buck Regulator
SP7655ER/TR SIPEX-SP7655ER/TR Datasheet
121Kb / 12P
Wide Input Voltage Range 8A, 300kHz, Buck Regulator
SP7655ER/TR SIPEX-SP7655ER/TR Datasheet
1Mb / 16P
Wide Input Voltage Range, 8Amp 300kHz, Buck Regulator
SP7655ERL SIPEX-SP7655ERL Datasheet
1Mb / 16P
Wide Input Voltage Range, 8Amp 300kHz, Buck Regulator
More results

Similar Description - SP7655EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com