Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7661 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP7661
Description  Evaluation Board Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7661 Datasheet(HTML) 5 Page - Sipex Corporation

  SP7661_1 Datasheet HTML 1Page - Sipex Corporation SP7661_1 Datasheet HTML 2Page - Sipex Corporation SP7661_1 Datasheet HTML 3Page - Sipex Corporation SP7661_1 Datasheet HTML 4Page - Sipex Corporation SP7661_1 Datasheet HTML 5Page - Sipex Corporation SP7661_1 Datasheet HTML 6Page - Sipex Corporation SP7661_1 Datasheet HTML 7Page - Sipex Corporation SP7661_1 Datasheet HTML 8Page - Sipex Corporation SP7661_1 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Feb21-07
SP7661 Evaluation Manual
©2007 Sipex Corporation
Page 5 of 11
Figure 8. Current Limit Re-start Rate
TYPE III LOOP COMPENSATION DESIGN
The open loop gain of the SP7661EB can be divided into the gain of the error amplifier
Gamp(s), PWM modulator Gpwm, buck converter output stage Gout(s), and feedback resistor
divider Gfbk. In order to cross over at the selecting frequency fco, the gain of the error amplifier
must compensate for the attenuation caused by the rest of the loop at this frequency. The goal
of loop compensation is to manipulate the open loop frequency response such that its gain
crosses over 0dB at a slope of –20dB/dec. The open loop crossover frequency should be higher
than the ESR zero of the output capacitors but less than 1/5 to 1/10 of the switching frequency
fs to insure proper operation. Since the SP7661EB is designed with Ceramic Type output
capacitors, a Type III compensation circuit is required to give a phase boost of 180
° in order to
counteract the effects of the output LC underdamped resonance double pole frequency.
IOUT 2A/div
Soft Start
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com