Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7655 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP7655
Description  Evaluation Board Manual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7655 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP7655 Datasheet HTML 2Page - Sipex Corporation SP7655 Datasheet HTML 3Page - Sipex Corporation SP7655 Datasheet HTML 4Page - Sipex Corporation SP7655 Datasheet HTML 5Page - Sipex Corporation SP7655 Datasheet HTML 6Page - Sipex Corporation SP7655 Datasheet HTML 7Page - Sipex Corporation SP7655 Datasheet HTML 8Page - Sipex Corporation SP7655 Datasheet HTML 9Page - Sipex Corporation SP7655 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
APPLICATION CIRCUIT FOR 12V INPUT
Figure 12 shows another example of the SP7655ER configured for a common Bus
Voltage conversion from +12V input to 3.3V output at 8A.
Figure 12. SP7655ER configured for Vin = 12V, Vout = 3.3V at 0-8A Output Load
Current
Figure 13. Efficiency vs Load
Figure 14. Load Regulation
Figure 15. Load Step Response: 5-8A
Figure 16. Load Step Response: 0-6A
All resistor & capacitor size
0603 unless other wise specify
CBST
1uF
R3
200k,1%
L1 IHLP-2525CZ-01-2R2MTR
2.2uH, Irate=8A
U2
SPX5205
VIN
1
GND
2
EN
3
BYP
4
VOUT
5
C1
3.3uF
CVCC
2.2uF
U1
SP7655
PGND
1
PGND
2
PGND
3
GND
4
VFB
5
COMP
6
UVIN
7
GND
8
SS
9
VIN
10
VIN
11
VIN
12
VIN
13
LX
14
LX
15
LX
16
NC
17
BST
18
GND
19
GND
20
GND
21
VCC
22
LX
23
LX
24
LX
25
LX
26
DBST
CSS
47nF
CP1
15pF
3.30V
0-8A
50V
R2
21.5k,1%
GND
C3
47uF
C3
CERAMIC
1210
X5R
C4
3.3uF
6.3V
Notes:
12V
DCR=10.4mOhm
VIN
SD101AWS
U1 Bottom-Side Layout should has
three Contacts which are
isolated from one of another, QT
& QB Drain Contact and
Controller GND Contact
VOUT
RZ3
8.66k,1%
GND2
R4
100k,1%
C2
0.1uF
C1,C4
CERAMIC
1210
Y5V
50V
CZ3
120pF
CZ2
2,200pF
R1
68.1k,1%
RZ2
7.68k,1%
CF1
100pF
fs=300Khz
Efficiency vs Load (12V to 3.3V)
60
70
80
90
100
01
2345
678
Load Current (A)
Iout (2A/div)
Iout (2A/div)
Vout
Vout
Load Regulation (12V to 3.3V)
3.300
3.305
3.310
3.315
3.320
3.325
3.330
3.335
3.340
0.5
123
4
567
8
Output Current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com