Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7661 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP7661
Description  Evaluation Board Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7661 Datasheet(HTML) 3 Page - Sipex Corporation

  SP7661 Datasheet HTML 1Page - Sipex Corporation SP7661 Datasheet HTML 2Page - Sipex Corporation SP7661 Datasheet HTML 3Page - Sipex Corporation SP7661 Datasheet HTML 4Page - Sipex Corporation SP7661 Datasheet HTML 5Page - Sipex Corporation SP7661 Datasheet HTML 6Page - Sipex Corporation SP7661 Datasheet HTML 7Page - Sipex Corporation SP7661 Datasheet HTML 8Page - Sipex Corporation SP7661 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Feb21-07
SP7661 Evaluation Manual
©2007 Sipex Corporation
Page 3 of 11
Adjusting the current downwards is controlled by adjusting R8.


+
=
DCR)
(Imax
-
60mV
DCR)
(Imax
60mV)
-
(Vout
R4
R8
Equation 3
Where
DCR is the Inductor winding resistance and
IMAX is the desired output current
Further details on the current limit can be found in the SP7661 data sheet. For the Wurth
Inductor on this demo board, DCR= 14m
Ω nominal.
POWER SUPPLY DATA
The SP7661ER is designed with an accurate 2.0% reference over line, load and
temperature. Figure 1 data shows a typical SP7661 evaluation board efficiency plot, with
efficiencies up to 90% and output currents up to 3A. The output voltage ripple of less than 10mV
at full load and the LX node are shown in figure 2. Figures 3 and 4 illustrate a 0A to 3A and 1A
to 3A Load Step. Short circuit and current limit are shown in Figures 5 and 6. Typical startup
characteristics into a full load and no load are shown in figure 7 and 8. All data was taken at
12VIN.
While data on individual power supply boards may vary, the capability of the SP7661ER
of achieving high accuracy over a range of load conditions shown here is quite impressive and
desirable for accurate power supply design.
7661 Efficiency
12Vin, 3.3Vout, 3Amps
50.0
55.0
60.0
65.0
70.0
75.0
80.0
85.0
90.0
95.0
0.51
1.52
2.53
Iout (Amps)
Figure 1. Efficiency vs. Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com