Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7663EB Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP7663EB
Description  Evaluation Board Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7663EB Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP7663EB Datasheet HTML 8Page - Sipex Corporation SP7663EB Datasheet HTML 9Page - Sipex Corporation SP7663EB Datasheet HTML 10Page - Sipex Corporation SP7663EB Datasheet HTML 11Page - Sipex Corporation SP7663EB Datasheet HTML 12Page - Sipex Corporation SP7663EB Datasheet HTML 13Page - Sipex Corporation SP7663EB Datasheet HTML 14Page - Sipex Corporation SP7663EB Datasheet HTML 15Page - Sipex Corporation SP7663EB Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Mar12-07 RevD
SP7663 Evaluation Board Manual
©2007 Sipex Corp.
Page 16 of 16
Table 1: SP7663EB Suggested Components and Vendor Lists
Line
Ref.
Qty.
Manufacturer
Manuf.
Layout
Component
Vendor
No.
Des.
Part Number
Size
Phone #
1
PCB
1
Sipex
146-6631-00
SP7663EB
408-935-7500
2
U1
1
Sipex
SP7663EU
DFN-
26
Synchronous
Buck
Regulator
408-935-7500
3
DBST
1
Vishay Semi
SD101AWS
SOD-
323
15mA-30V Schottky Diode
800-344-4539
4
L1
1
Wurth
7443552150
5050
1.5uH Coil, 5.5m
201-785-8800
5
C1, C2,
2
TDK
Murata
C3225X5R1C226M
GRM32ER61E226K
1210
22uF Ceramic X5R 16V
978-779-3111
770-436-1300
6
C5
1
TDK
Murata
C3225X5R0J107M
GRM32ER60J107M
1210
100uF Ceramic X5R 6.3V
978-779-3111
770-436-1300
7
C4,
1
TDK
C1608X7R1H104K
0603
0.1uF Ceramic X7R 50V
978-779-3111
8
CBST
1
TDK
Murata
C1608X7R1H682K
GRM188R71H682KA01
0603
6.8nF Ceramic X7R 50V
978-779-3111
770-436-1300
9
C7, C8, C6,
C3
0
Not Populated
0603
Not Populated
10
C9
1
TDK
Murata
C1608X7R1H682K
GRM188R71H682KA01
0603
6.8nF Ceramic X7R 50V
978-779-3111
770-436-1300
11
CVCC
1
TDK
C1608X5R1A475M
0603
4.7uF Ceramic X5R 10V
978-779-3111
12
CF1
1
TDK
Murata
C1608CH1H101J
GRM1885C1H101JA01
0603
100pF Ceramic C0G 50V
978-779-3111
770-436-1300
13
Cs1 Cs2
1
TDK
Murata
C1608CH1H222J
GRM1885C1H222JA01
0603
2.2nF Ceramic C0G 50V
978-779-3111
770-436-1300
15
CSS
1
TDK
Murata
C1608X7R1H473K
GRM188R71E473KA01
0603
47nF Ceramic X7R 50V
978-779-3111
770-436-1300
16
CP1
1
TDK
C1608CH1H100J
GRM1885C1H100JA01
0603
10pF Ceramic C0G 50V
978-779-3111
770-436-1300
17
CZ3
1
TDK
Murata
C1608CH1H181J
GRM1885C1H181JA01
0603
180pF Ceramic C0G 50V
978-779-3111
770-436-1300
18
CZ2
1
TDK
Murata
C1608CH1H102J
GRM1885C1H102JA01
0603
1nF Ceramic C0G 50V
978-779-3111
770-436-1300
19
R1
1
Panasonic
ERJ-3EKF6812V
0603
68.1K
Thick Film Res 1%
800-344-4539
20
R2
1
Panasonic
ERJ-3EKF2152V
0603
21.5K
Thick Film Res 1%
800-344-4539
21
R3, R4
2
Panasonic
ERJ-3EKF4991V
0603
4.99K
Thick Film Res 1%
800-344-4539
22
R12
0
Not Populated
0603
Not Populated
23
R6, R7
0
Not Populated
0603
Not Populated
23a
R8
1
Panasonic
ERJ-3EKF1104V
0603
1.1Meg
Thick Film Res
800-344-4539
24
R9
0
Not Populated
0603
Not Populated
27
RBST
1
Panasonic
ERJ-3GEYJ00R0V
0603
0
Thick Film Res 1%
800-344-4539
28
Rs1, Rs2
2
Panasonic
ERJ-3GEYJ2R0V
0603
1
Thick Film Res 1%
800-344-4539
29
RZ2
1
Panasonic
ERJ-3EKF2372V
0603
23.2K
Thick Film Res 1%
800-344-4539
30
RZ3
1
Panasonic
ERJ-3EKF3091V
0603
3.09K
Thick Film Res 1%
800-344-4539
31
VIN, VOUT,
GND, GND
4
Vector
Electronic
K24C/M
.042
Dia
Test Point Post
800-344-4539
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP7663EB…................................-40°C to +85°C...............…SP7663 Evaluation Board
SP7663ER..............................…. -40°C to +85°C.................................……26-pin DFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com