Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7686EB Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7686EB
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7686EB Datasheet(HTML) 1 Page - Sipex Corporation

  SP7686EB Datasheet HTML 1Page - Sipex Corporation SP7686EB Datasheet HTML 2Page - Sipex Corporation SP7686EB Datasheet HTML 3Page - Sipex Corporation SP7686EB Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev 3/20/07
SP7686EB Evaluation Board Manual
Copyright 2007 Sipex Corporation
DESCRIPTION AND BOARD SCHEMATIC
The SP7686EB Evaluation Board is a compact circuit including the SP7686 in 3x2mm DFN and 3
small 0603 capacitors which can provide a stable drive current for a 1W LED such as the AOT White
LED, Lumi-LEDs Luxeon I or PWF1 type light sources. The evaluation board is a completely
assembled and tested surface mount board which provides easy probe access points to all SP7686
inputs and outputs so that the user can quickly connect and measure electrical characteristics and
waveforms.
SP7686EB Schematic
TO GET STARTED:
1. Connect VIN from VIN to GND (VIN range 2.7V to 4.2V).
2. Apply a combination of positive pulses on CTRL pin to enable the part.
SP7686EB
Evaluation Board Manual
2.7V to 5.5V Input Range
One line serial interface
Output Current up to 500mA
High Efficiency in 1X mode, high VOUT in 2X mode
Small 2x3mm 8-Pin DFN Package
2.4MHz Switching Frequency
Integrated Design with Minimal Components.
3.5sec Time out function to protect the LED
Thermal shutdown protection
Built-in over-voltage & over-current protection
Use with 1 cell Lithium Ion Battery


Similar Part No. - SP7686EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7686ER-L SIPEX-SP7686ER-L Datasheet
1Mb / 16P
Constant Current Flash Driver in DFN 2mm x 3mm
SP7686ER-L/TR SIPEX-SP7686ER-L/TR Datasheet
1Mb / 16P
Constant Current Flash Driver in DFN 2mm x 3mm
More results

Similar Description - SP7686EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com