Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7680ER1 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP7680ER1
Description  Evaluation Board Manual
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7680ER1 Datasheet(HTML) 2 Page - Sipex Corporation

  SP7680ER1 Datasheet HTML 1Page - Sipex Corporation SP7680ER1 Datasheet HTML 2Page - Sipex Corporation SP7680ER1 Datasheet HTML 3Page - Sipex Corporation SP7680ER1 Datasheet HTML 4Page - Sipex Corporation SP7680ER1 Datasheet HTML 5Page - Sipex Corporation SP7680ER1 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Jun20-07
SP7680 Evaluation Board Manual
© 2007 Sipex Corporation
Page 2 of 6
TO GET STARTED:
1. Connect VIN from VIN to GND (VIN range 2.7V to 5.5V).
2. Apply I
2C connections of SDA, SCL and GND to J9.
3. Connect LED Displays with cathodes to T1 to T7 for LED1 to LED7. Or, connect surface
mount LEDs with solder to the board at D1 to D7.
4. Use I
2C serial connection and software to control LED1 to LED7.
5. To measure current through LED1 to LED7 remove zero ohm resistor at RS1 to RS7 and add
SM 0603 1 ohm resistors to RS1 to RS7. Then measure current with DVM across RS1 to RS7
with test points at J1 to J7. Note: 1mV across J1 to J7 equals 1mA of current through LED1 to
LED7.
___________________________________________________________ POWER SUPPLY DATA
SP7680 Efficiency Vs Vin, 6 WLEDs
50
60
70
80
90
100
3.0
3.3
3.6
3.9
4.2
4.5
Vin (V)
ILED=15mA
ILED=20mA
ILED=25mA
SP7680 Efficiency Vs Vin, 7 WLEDs
50
60
70
80
90
100
3.0
3.3
3.6
3.9
4.2
4.5
Vin (V)
ILED=15mA
ILED=20mA
ILED=25mA
Figure 1. VOUT Efficiency 6 LEDs
Figure 2. VOUT Efficiency 7 LEDs
Output Current Vs Vin, 6 WLEDs
50
100
150
200
3.0
3.3
3.6
3.9
4.2
Vin (V)
ILED=25mA
ILED=20mA
ILED=15mA
Output Current Vs Vin, 7 WLEDs
50
100
150
200
3.0
3.3
3.6
3.9
4.2
Vin (V)
ILED=15mA
ILED=20mA
ILED=25mA
Figure 3.Output Current 6 LEDs
Figure 4. Output Current 7 LEDs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com