Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K32GL Datasheet(PDF) 1 Page - Greenlee Communications

Part # K32GL
Description  Wire Ferrule Crimper
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

K32GL Datasheet(HTML) 1 Page - Greenlee Communications

  K32GL Datasheet HTML 1Page - Greenlee Communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
Makes trapezoidal crimps with full-cycle ratchet mechanism to assure complete crimps
Crimps single and twin cable wire ferrules
Adjusts automatically to correct crimp size
Specifications
Application : For Single And Twin Cable Wire Ferrules
Crimping Capacity : Single Cable Wire Ferrules: 26-10 AWG (0.140 - 6.000 SQ-MM), Twin Wire
Ferrules: 2 x 20 -2 x 13 AWG (2.000 x 0.500 - 2.000 x 2.500 SQ-MM)
Overall Length : 8.400 IN (213.000 MM)
Type : Trapezoidal
Weight : 1.100 LB (0.400 KG)
CRIMP TRPZD FC26-10
Wire Ferrule Crimper
Cat No:
UPC No:
50026372
783310026372


Similar Part No. - K32GL

ManufacturerPart #DatasheetDescription
logo
Greenlee Communications
K32GL GREENLEE-K32GL Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
More results

Similar Description - K32GL

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FSD72-6-D PANDUIT-FSD72-6-D Datasheet
145Kb / 1P
FERRULE - SINGLE WIRE (DIN)
FSF72-6-D PANDUIT-FSF72-6-D Datasheet
169Kb / 1P
FERRULE - SINGLE WIRE
logo
Molex Electronics Ltd.
0690081174 MOLEX11-0690081174 Datasheet
26Kb / 1P
Semcon Ferrule Crimper
logo
Tyco Electronics
408-10120 MACOM-408-10120 Datasheet
253Kb / 5P
The die assembly features a wire anvil, an insulation anvil, a wire crimper, and an insulation crimper.
408-4347 MACOM-408-4347 Datasheet
131Kb / 5P
The die assembly features a wire anvil, an insulation anvil, a wire crimper, and an insulation crimper
408-9997 MACOM-408-9997 Datasheet
251Kb / 6P
The die assembly features a wire anvil, an insulation anvil, a wire crimper, and an insulation crimper.
408-10182 MACOM-408-10182 Datasheet
255Kb / 4P
The die assembly features a wire anvil, an insulation anvil, a wire crimper, and an insulation crimper.
408-10185 MACOM-408-10185 Datasheet
217Kb / 4P
The die assembly features a wire anvil, an insulation anvil, a wire crimper, and an insulation crimper.
logo
Weidmuller
9004740000 WEIDMULLER-9004740000 Datasheet
232Kb / 3P
Wire-end ferrule, Twin wire-end ferrule, 15 mm, 12 mm, blue
October 18, 2021
9037460000 WEIDMULLER-9037460000 Datasheet
231Kb / 3P
Wire-end ferrule, Twin wire-end ferrule, 22 mm, 18mm
September 28, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com