Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7686AER Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP7686AER
Description  Evaluation Board Manual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7686AER Datasheet(HTML) 2 Page - Sipex Corporation

  SP7686AER Datasheet HTML 1Page - Sipex Corporation SP7686AER Datasheet HTML 2Page - Sipex Corporation SP7686AER Datasheet HTML 3Page - Sipex Corporation SP7686AER Datasheet HTML 4Page - Sipex Corporation SP7686AER Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Jun13-07
SP7686A Evaluation Board Manual
© 2007 Sipex Corporation
Page 2 of 5
TO GET STARTED:
1. Connect VIN from VIN to GND (VIN range 2.7V to 4.2V).
2. Select mode between TORCH and FLASH by putting jumper into J1 corresponding position.
3. Apply High to ON terminal (SW1) or EN Pin (J2) to turn the LED on.
POWER SUPPLY DATA
Flash Mode Output Current
0
100
200
300
400
500
2.7
3.0
3.3
3.6
3.9
4.2
Vin (V)
Ci=4.7uF,CF=0.22uF,Co=1uF
Ci=4.7,CF=1uF,Co=1uF
Ci=10uF,CF=0.22uF,Co=2.2u
Flash Mode Output Current
200
250
300
350
400
450
500
2.7
3.0
3.3
3.6
3.9
4.2
Vin (V)
PWF1 Vf=3.08V
AOT Vf=3.43V
Figure 1. Flash Mode Output Current with PWF1 LED
Figure 2. Flash Mode Output Current
Torch Mode Output Current
0
50
100
150
200
250
300
2.70
3.00
3.30
3.60
3.90
4.20
Vin (V)
Ci=4.7uF,CF=0.22uF,Co=1uF
Ci=4.7,CF=1uF,Co=1uF
Ci=10uF,CF=0.22uF,Co=2.2uF
Efficiency
30
40
50
60
70
80
90
100
2.7
3.0
3.3
3.6
3.9
4.2
Vin (V)
Flash 450mA
Torch 150mA
Figure 3. Torch Mode Output Current with PWF1 LED
Figure 4. Output Efficiency with PWF1
Figure 5. Startup 150mA Torch,Vin=4.2V.
Figure 6. Startup 450mA Flash, Vin=3.4V
EN
Vout
VFB
Iin:
0.5A/div
EN
Vout
VFB
Iin:
1A/div



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com