Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM65N40DF Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # RM65N40DF
Description  N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RM65N40DF Datasheet(HTML) 2 Page - Rectron Semiconductor

  RM65N40DF Datasheet HTML 1Page - Rectron Semiconductor RM65N40DF Datasheet HTML 2Page - Rectron Semiconductor RM65N40DF Datasheet HTML 3Page - Rectron Semiconductor RM65N40DF Datasheet HTML 4Page - Rectron Semiconductor RM65N40DF Datasheet HTML 5Page - Rectron Semiconductor RM65N40DF Datasheet HTML 6Page - Rectron Semiconductor RM65N40DF Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Parameter
Symbol
Test Condition
Min
Type
Max
Unit
Static Characteristics
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =250μA
40
-
-
V
Zero gate voltage drain current
IDSS
VDS =40V, VGS = 0V
-
-
1
μA
Gate-body leakage current
IGSS
VGS = 20V,VDS = 0V
-
-
±100
nA
Gate threshold voltage
(3)
VGS(th)
VDS =VGS, ID =250μA
1
1.5
2.5
V
Drain-source on-resistance
(3)
RDS(on)
VGS =10V, ID =30A
-
5.0
5.9
mΩ
VGS =4.5V, ID =20A
-
7.5
10
Dynamic characteristics
Input Capacitance
Ciss
VDS =20V, VGS =0V, f =1MHz
-
2448
-
pF
Output Capacitance
Coss
-
396
-
Reverse Transfer Capacitance
Crss
-
200
-
Switching characteristics
Turn-on delay time
td(on)
VDD=20V, ID=1A, RL=6Ω
VGS=10V, RG=1Ω
-
13
-
ns
Turn-on rise time
tr
-
11
-
Turn-off delay time
td(off)
-
41
-
Turn-off fall time
tf
-
14
-
Total Gate Charge
Qg
VDS=20V, ID=10A,
VGS=10V
-
56
-
nC
Gate-Source Charge
Qgs
-
5
-
Gate-Drain Charge
Qgd
-
13.5
-
Source-Drain Diode characteristics
Diode Forward voltage
(3)
VDS
VGS =0V, IS=1A
-
-
1.2
V
Diode Forward current
(4)
IS
-
-
65
A
Notes:
1. Repetitive Rating: pulse width limited by maximum junction temperature
2. EAS Condition:TJ=25 ,VDD=20V,RG=25 ,L=0.5mH,IAS=18A
3. Pulse Test: pulse width≤300μs, duty cycle≤2%
4.
Electrical Characteristics (TC=25
unless otherwise noted)
Surface Mounted on FR4 Board By using 1Square inch Pad



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com