Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD0902 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD0902
Description  2 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD0902 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD0902 Datasheet HTML 1Page - Solid States Devices, Inc SPD0902 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designer's Data Sheet
SOLID STATE DEVICES, INC.
FEATURES:
2 AMP
80 - 100 VOLTS
SCHOTTKY
RECTIFIER
SPD0802 and SMS
thru
SPD1002 and SMS
Maximum Ratings
80
90
100
40
Amps
2
Amps
Io
IFSM
Volts
SYMBOL
UNITS
VALUE
VRRM
VRWM
VR
RθθθθθJL
RθθθθθJE
15
12
Reverse Voltage
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, allow
junction to reach equilibrium between pulses, TA = 25
oC)
Maximum Thermal Resistance
Junction to Lead, L = .25" (Axial Lead)
Junction to End Tab (Surface Mount)
Average Rectified Forward Current
(Resistive Load, 60Hz, Sine Wave, TL or TE = 55
oC)
oC/W
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0006C
• PIV to 100 Volts
• Extremely Low Forward Voltage Drop
• Low Reverse Leakage Current
• High Surge Capacity
• High Voltage/Current Replacement for 1N5817 - 1N5819
Series
• Hermetically Sealed
• TX, TXV, and Space Level Screening Available
oC
-55 TO +125
TOP & TSTG
Operating and Storage Temperature Range
SPD0802 & SMS
SPD0902 & SMS
SPD1002 & SMS
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SURFACE MOUNT
(SMS)
AXIAL


Similar Part No. - SPD0902

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD0902SMS SSDI-SPD0902SMS Datasheet
108Kb / 2P
SCHOTTKY RECTIFIER
More results

Similar Description - SPD0902

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SR208 MCC-SR208 Datasheet
360Kb / 2P
2 Amp Schottky Barrier Rectifier 80 to 100 Volts
logo
Solid States Devices, I...
SSR0508-5 SSDI-SSR0508-5 Datasheet
134Kb / 2P
5 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
SSR0508J SSDI-SSR0508J Datasheet
170Kb / 2P
5 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
SPD0801 SSDI-SPD0801 Datasheet
173Kb / 2P
1 AMP 80-100 VOLTS SCHOTTKY RECTIFIER
SSR1008-5 SSDI-SSR1008-5 Datasheet
135Kb / 2P
10 AMP 80 ??100 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
SB280 MCC-SB280 Datasheet
205Kb / 3P
2 Amp Schottky Barrier Rectifier 80 to 100 Volts
SR208 MCC-SR208_08 Datasheet
139Kb / 3P
2 Amp Schottky Barrier Rectifier 80 to 100 Volts
SR2010-TP MCC-SR2010-TP Datasheet
249Kb / 3P
2 Amp Schottky Barrier Rectifier 80 to 100 Volts
SB280 MCC-SB280_13 Datasheet
219Kb / 3P
2 Amp Schottky Barrier Rectifier 80 to 100 Volts
SR208 MCC-SR208_13 Datasheet
249Kb / 3P
2 Amp Schottky Barrier Rectifier 80 to 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com