Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR05C60 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR05C60
Description  5 AMP / 600V SILICON CARBIDE SCHOTTKY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR05C60 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR05C60 Datasheet HTML 1Page - Solid States Devices, Inc SSR05C60 Datasheet HTML 2Page - Solid States Devices, Inc SSR05C60 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SSR05C 60 D1 HR
│
│
│
│
│
│
└ Screening: __ = Not Screened
HR = High Rel
│
│
│
│
│
└ Package: D1 = TO-252 (D-Pack)
G = Cerpack
S.5 = SMD.5
S.22 = SMD.22
└ Voltage 50 = 500 V
60 = 600 V
SSR05C60 Series
5 AMP / 600V
SILICON CARBIDE
SCHOTTKY RECTIFIER
Features:
• 600V Silicon Carbide Schottky Rectifier
• New Semiconductor Material
• Switching Behavior Benchmark
• No Reverse Recovery
• No Forward Recovery
• No Switching Time Change Over Temperature
• Hermetic Packages Available
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
Peak Surge Reverse Voltage
SSR05C50
SSR05C60
VRRM
VRSM
500
600
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave)
Io
5
Amps
Non Repetitive Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on IO)
IFSM
12.5
Amps
I2t Value
I2t
0.78
A2s
Power Dissipation
PD
36.5
Watts
Operating & Storage Temperature
Top & Tstg
-55 to +175
ºC
Maximum Thermal Resistance
Junction to Case
RθJC
4.1
ºC/W
1
TO-252 (D1)
Cerpack (G)
SMD.5 (S.5)
SMD.22 (S.22)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0016F
DOC


Similar Part No. - SSR05C60

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR05C60 SSDI-SSR05C60 Datasheet
75Kb / 2P
SILICON CARBIDE SCHOTTKY RECTIFIER
SSR05C60 SSDI-SSR05C60_1 Datasheet
75Kb / 2P
SILICON CARBIDE SCHOTTKY RECTIFIER
More results

Similar Description - SSR05C60

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR04C60CT SSDI-SSR04C60CT Datasheet
140Kb / 2P
4A / 600V Schottky Silicon Carbide Centertap Rectifier
SSR02C60 SSDI-SSR02C60 Datasheet
165Kb / 3P
2 AMP / 600 V SILICON CARBIDE SCHOTTKY RECTIFIER
SSR05C120 SSDI-SSR05C120 Datasheet
205Kb / 2P
5 A / 1200 V Schottky Silicon Carbide Rectifier
SSR05C60 SSDI-SSR05C60_1 Datasheet
75Kb / 2P
SILICON CARBIDE SCHOTTKY RECTIFIER
logo
Microsemi Corporation
MSICSN10060CC MICROSEMI-MSICSN10060CC Datasheet
80Kb / 3P
10A / 600V Silicon Carbide Dual Schottky Rectifier
logo
Central Semiconductor C...
CSIC10-1200 CENTRAL-CSIC10-1200 Datasheet
951Kb / 3P
SILICON CARBIDE SCHOTTKY RECTIFIER 10 AMP, 1200 VOLT
logo
Solid States Devices, I...
SH0067B SSDI-SH0067B Datasheet
116Kb / 2P
Schottky Silicon Carbide Rectifier
RS0016K SSDI-RS0016K_15 Datasheet
75Kb / 2P
SILICON CARBIDE SCHOTTKY RECTIFIER
SH0030G SSDI-SH0030G_15 Datasheet
118Kb / 2P
Schottky Silicon Carbide Rectifier
SH0043D SSDI-SH0043D_15 Datasheet
82Kb / 2P
Schottky Silicon Carbide Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com