Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR20C20CT Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SSR20C20CT
Description  20A / 300V Schottky Silicon Carbide Centertap Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR20C20CT Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SSR20C20CT Datasheet HTML 1Page - Solid States Devices, Inc SSR20C20CT Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
World’s First Silicon Carbide
Centertap Rectifier
SSR20C30CT Series
Electrical Characteristic (Per Leg)
Symbol
Min
Typ
Max
Units
Instantaneous Forward Voltage Drop
(TJ = 25ºC, 300 µsec pulse)
IF = 5A
IF = 10A
VF1
VF2
---
---
1.20
1.50
1.32
1.65
Volts
Instantaneous Forward Voltage Drop
(TJ = 150ºC, 300 µsec pulse)
IF = 5A
IF = 10A
VF3
VF4
---
---
1.18
1.65
1.28
1.85
Volts
Instantaneous Forward Voltage Drop
(TJ = -55ºC, 300 µsec pulse)
IF = 5A
IF = 10A
VF5
VF6
---
---
1.35
1.60
1.45
1.75
Volts
Reverse Leakage Current
(VR = Rated VR, TJ = 25ºC, 300 µsec min pulse)
IR1
---
25
100
µA
Reverse Leakage Current
(VR = Rated VR, TJ = 150ºC, 300 µsec min pulse)
I R2
---
100
250
µA
Junction Capacitance
(VR =10 Vdc, TC = 25ºC, f =1MHz)
CJ
---
350
500
pF
Total Capacitive Charge
(V
R = 400V, IF = 5A, di/dt = 200A/µs, TJ = 150ºC)
Qc
---
13
---
nC
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ For Package Outlines Contact Factory.
3/ All Electrical Characteristics @25oC Unless Otherwise Specified.
4/ If High Temperature Operation is Desired (> 175oC) Consult Factory for Soldering Consideration.
Available Part Numbers:
SSR20C20CTS.5
SSR20C20CTG
SSR20C20CTJ
SSR20C30CTS.5
SSR20C30CTG
SSR20C30CTJ
PIN ASSIGNMENT
Package
Pin 1
Pin 2
Pin 3 (Tab)
SMD .5 (S.5)
Cathode
Anode
Anode
Cerpack (G)
Anode
Anode
Cathode
TO-257 (J)
Anode
Cathode
Anode



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com