Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR10C30 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR10C30
Description  10A / 300V Schottky Silicon Carbide
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR10C30 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR10C30 Datasheet HTML 1Page - Solid States Devices, Inc SSR10C30 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SSR10C 30
S.5 TX
│
│
│
│
│
│
│
│
│
│
│
│
└ Screening __ = Not Screened
TV = TX Level
TXV= TXV Level
S
= S Level
│
│
│
│
└
Package 2/ S.5 = SMD.5
G = Cerpack
│
│
└Configuration
└
Voltage 20 = 200 V
30 = 300 V
World’s First Silicon Carbide
SSR10C30 Series
10A / 300V
Schottky Silicon Carbide
Features:
• World's 1st Hermetic 10A SiC
• High Voltage 300V
• Very High Operating Temperature, 250ºC
• No Recovery Time (tfr or trr)
• High Current Operation, 10A
• Hermetic Packaging
• TX, TXV, S Level screening available
Maximum Ratings
Symbol
Value
Units
Peak Repetitive and Peak Surge Reverse Voltage
SSR10C20
SSR10C30
VRRM
VRSM
200
300
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave)
Io
10
Amps
Non Repetitive Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on IO)
IFSM
18
Amps
Power Dissipation
PD
15
Watts
Operating & Storage Temperature
Top & Tstg
-55 to +250
ºC
Maximum Thermal Resistance
Junction to Case
RθJC
4.4
ºC/W
1
Cerpack (G)
SMD .5 (S.5)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0032B
DOC


Similar Part No. - SSR10C30

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR10C080G SSDI-SSR10C080G Datasheet
123Kb / 2P
10 A / 1200 V Schottky Silicon Carbide Rectifier
SSR10C080GL SSDI-SSR10C080GL Datasheet
123Kb / 2P
10 A / 1200 V Schottky Silicon Carbide Rectifier
SSR10C080S.5 SSDI-SSR10C080S.5 Datasheet
123Kb / 2P
10 A / 1200 V Schottky Silicon Carbide Rectifier
SSR10C100CT SSDI-SSR10C100CT Datasheet
132Kb / 2P
10 A / 1200 V Schottky Silicon Carbide Centertap Rectifier
SSR10C100G SSDI-SSR10C100G Datasheet
123Kb / 2P
10 A / 1200 V Schottky Silicon Carbide Rectifier
More results

Similar Description - SSR10C30

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR40C30CT SSDI-SSR40C30CT Datasheet
140Kb / 2P
40A / 300V Schottky Silicon Carbide Centertap Rectifier
SSR20C30CT SSDI-SSR20C30CT Datasheet
86Kb / 2P
20A / 300V Schottky Silicon Carbide Centertap Rectifier
logo
Microsemi Corporation
MSICSN10060CC MICROSEMI-MSICSN10060CC Datasheet
80Kb / 3P
10A / 600V Silicon Carbide Dual Schottky Rectifier
logo
PFC Device Inc.
P10L300E PFC-P10L300E Datasheet
634Kb / 6P
10A 300V MOS Schottky Rectifier
P10L300SP PFC-P10L300SP Datasheet
730Kb / 5P
10A 300V MOS Schottky Rectifier
PFR10L300CT PFC-PFR10L300CT Datasheet
777Kb / 7P
10A 300V MOS Schottky Rectifier
PFR10V300CT PFC-PFR10V300CT Datasheet
778Kb / 7P
10A 300V MOS Schottky Rectifier
logo
Rectron Semiconductor
SC2S17010A RECTRON-SC2S17010A Datasheet
460Kb / 5P
1700V/ 10ASiliconCarbidePowerSchottkyBarrierDiode
SC3S12010A RECTRON-SC3S12010A Datasheet
322Kb / 5P
1200V/10A Silicon Carbide Power Schottky Barrier Diode
SC3S12010B RECTRON-SC3S12010B Datasheet
572Kb / 5P
1200V/10A Silicon Carbide Power Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com