Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR8045CT/3 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR8045CT/3
Description  80AMPS 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR8045CT/3 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR8045CT/3 Datasheet HTML 1Page - Solid States Devices, Inc SSR8045CT/3 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designer's Data Sheet
SOLID STATE DEVICES, INC.
FEATURES:
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
RS0061B
DATA SHEET #:
80AMPS
45 VOLTS
POSITIVE CENTERTAP
SCHOTTKY
RECTIFIER
Maximum Ratings
SYMBOL
UNITS
VALUE
Peak Repetitive Reverse and
DC Blocking Voltage
80
Amps
Io
VRRM
VRWM
VR
Average Rectified Forward Current.
(Resistive load, 60Hz, Sine Wave, TA =25
oC) 1/
600
Amps
IFSM
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, allow
junction to reach equilibrium between pulses, TA = 25
oC) 1/
45
Maximum Thermal Resistance
Junction to Case 1/
0.7
oC/W
RθθθθθJC
oC
-65 TO +175
TOP & Tstg
Operating and Storage Temperature
Volts
SSR8045CT/3
• Low Forward Voltage Drop
• Low Reverse Leakage
• Hermetically Sealed Power Surface Mount Package
• Guard Ring for Overvoltage Protection
• Eutectic Die Attach
• 175oC Operating Junction Temperature
• TX, TXV and Space Level Screening Available
TO-3
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Available in Following Configurations:
SSR8045/3
- Rectifier
(See Data Sheet RS0047)
SSR8045CT/3 - Common Cathode
SSR8045CA/3 - Common Anode
SSR8045D/3
- Doubler
NOTES:
1/
Both Legs Tied Together. For Doubler configuration ratings shall be:
Io = 40A per Leg and IFSM = 300A per Leg.
All Electrical Characteristics @25oC, Unless Otherwise Specified.


Similar Part No. - SSR8045CT/3

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR8045CTN SSDI-SSR8045CTN Datasheet
223Kb / 2P
80 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR8045CTP SSDI-SSR8045CTP Datasheet
104Kb / 2P
80A 45 V SCHOTTKY CENTERTAP RECTIFIER
SSR8045CTS1 SSDI-SSR8045CTS1 Datasheet
114Kb / 2P
SCHOTTKY CENTERTAP RECTIFIER
SSR8045CTS2 SSDI-SSR8045CTS2 Datasheet
114Kb / 2P
SCHOTTKY CENTERTAP RECTIFIER
More results

Similar Description - SSR8045CT/3

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR4045CT-61 SSDI-SSR4045CT-61 Datasheet
209Kb / 2P
10 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR4045CT-3 SSDI-SSR4045CT-3 Datasheet
42Kb / 2P
40 AMPS 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
1N6660 SSDI-1N6660 Datasheet
175Kb / 2P
40 AMP, 45 VOLTS CENTERTAP SCHOTTKY RECTIFIER
SSR8045-3 SSDI-SSR8045-3 Datasheet
36Kb / 2P
80AMPS 45 VOLTS SCHOTTKY RECTIFIER
SSR4045CTC SSDI-SSR4045CTC Datasheet
228Kb / 2P
40 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR8045CTN SSDI-SSR8045CTN Datasheet
223Kb / 2P
80 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR2045CT-28 SSDI-SSR2045CT-28 Datasheet
205Kb / 2P
20 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR2045CTG SSDI-SSR2045CTG Datasheet
196Kb / 2P
20 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR2045CT SSDI-SSR2045CT Datasheet
185Kb / 2P
20 AMP 45 VOLTS POSITIVE SCHOTTKY RECTIFIER CENTERTAP
SSR4045CTS1 SSDI-SSR4045CTS1 Datasheet
43Kb / 2P
40 AMP 45 Volts POSITIVE CENTERTAP SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com