Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR2009CTM Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR2009CTM
Description  20 AMPS 100 VOLTS CENTER TAP SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR2009CTM Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR2009CTM Datasheet HTML 1Page - Solid States Devices, Inc SSR2009CTM Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0075F
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
• PIV: 100 Volts
• Low Reverse Leakage Current
• Low Forward Voltage Drop
• Guard Ring for Overvoltage Protection
• Isolated Hermetically Sealed Package
• Available in Glass or Ceramic Seal Packages
• Custom Lead Forming Available
• Eutectic Die Attach
• 175°C Operating Junction Temperature
• TX, TXV, and Space Level Screening Available
SSR2008CTM, SSR2008CTZ
SSR2009CTM, SSR2009CTZ
SSR2010CTM, SSR2010CTZ
20 AMPS
100 VOLTS
CENTER TAP
SCHOTTKY RECTIFIER
TO-254
TO-254Z
Available in Given Voltage (2008, 2009, 2010) in the Following Configurations:
TO-254: SSR2010CTM, SSR2010CTMUB, SSR2010CTMDB, SSR2010CAM, SSR2010CAMUB, SSR2010CAMDB
SSR1010DM, SSR1010DMUB, SSR1010DMDB
TO-254Z: SSR2010CTZ, SSR2010CTZUB, SSR2010CTZDB, SSR2010CAZ, SSR2010CAZUB, SSR2010CAZDB
SSR1010DZ, SSR1010DZUB, SSR1010DZDB
MAXIMUM RATINGS 1/
Symbol
Value
Unit
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SSR2008CTM & CTZ
SSR2090CTM & CTZ
SSR2010CTM & CTZ
VRRM
VRWM
VR
80
90
100
Volts
Average Rectified Forward Current 3/ 4/
(Resistive Load, 60 Hz, Sine Wave, TC = 25
°C)
IO
20
Amps
Peak Surge Current 3/ 4/
(8.3 ms Pulse, Half Sine Wave, TA = 25
°C)
IFSM
300
Amps
Operating and Storage Temperature
TOP & Tstg
-65 to +175
°C
Maximum Thermal Resistance
Junction to Case 3/
Junction to Case 2/
RθJC
1.0
1.7
°C/W
NOTE:
1/ All Electrical Characteristics @25°C, Unless Otherwise Specified.
2/ Per Leg.
3/ Pins 1 and 3 Connected Together.
4/ Doubler: IO = 10A, IFSM = 200A.


Similar Part No. - SSR2009CTM

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR2009M SSDI-SSR2009M Datasheet
55Kb / 2P
20 AMPS 100 VOLTS CHOTTKY RECTIFER
SSR2009M SSDI-SSR2009M Datasheet
97Kb / 2P
SCHOTTKY RECTIFER
SSR2009Z SSDI-SSR2009Z Datasheet
55Kb / 2P
20 AMPS 100 VOLTS CHOTTKY RECTIFER
SSR2009Z SSDI-SSR2009Z Datasheet
97Kb / 2P
SCHOTTKY RECTIFER
More results

Similar Description - SSR2009CTM

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CRSH1 CENTRAL-CRSH1 Datasheet
125Kb / 2P
SCHOTTKY BARRIER RECTIFIER 1.0 AMPS, 20 THRU 100 VOLTS
logo
Solid States Devices, I...
SSR2010CT-3 SSDI-SSR2010CT-3 Datasheet
150Kb / 2P
20 AMPS 100 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR2010CTJ SSDI-SSR2010CTJ Datasheet
140Kb / 2P
20 AMPS, 100 VOLTS CENTERTAP SCHOTTKY RECTIFIER
SSR2010CT-28 SSDI-SSR2010CT-28 Datasheet
157Kb / 2P
20 AMPS 100 VOLTS CENTERTAP SCHOTTKY RECTIFIER
SSR2010J SSDI-SSR2010J Datasheet
169Kb / 2P
20 AMPS 100 VOLTS SCHOTTKY RECTIFER
SSR2010-61 SSDI-SSR2010-61 Datasheet
200Kb / 2P
20 AMPS 100 VOLTS CENTERTAP SCHOTTKY RECTIFIER
SSR2045G SSDI-SSR2045G Datasheet
196Kb / 2P
20 AMPS 45 VOLTS SCHOTTKY RECTIFIER
SSR2045CTJ SSDI-SSR2045CTJ Datasheet
112Kb / 2P
20 AMPS 45 VOLTS ISOLATED FLAT PACK POSITIVE CENTER TAP SCHOTTKY
logo
Central Semiconductor C...
CRSH2 CENTRAL-CRSH2 Datasheet
263Kb / 2P
SCHOTTKY BARRIER RECTIFIER 2.0 AMPS, 20 THRU 100 VOLTS
logo
Solid States Devices, I...
RS0206 SSDI-RS0206_15 Datasheet
219Kb / 2P
CENTER TAP POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com