Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR0509J Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR0509J
Description  5 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR0509J Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR0509J Datasheet HTML 1Page - Solid States Devices, Inc SSR0509J Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information1/
SSR0508J
SSR0509J
SSR0510J
__
__
__
__
__
__
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
└ Lead Options __ = Straight Leads,
DB = Bent Down, UB = Bent Up
TO-257
SSR0508J
SSR0509J
SSR0510J
5 AMP
80 ─ 100 VOLTS
SCHOTTKY RECTIFIER
FEATURES:
• Extremely Low Forward Voltage Drop
• Low Reverse Leakage
• Hermetically Sealed Isolated Power Package
• Guard Ring for Over-Voltage Protection
• Eutectic Die Attach
• 175°C Operating Junction Temperature
• TX, TXV, or Space Level Screening Available
MAXIMUM RATINGS
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage and DC
Blocking Voltage
SSR0508J
SSR0509J
SSR0510J
VRRM
VRWM
VR
80
90
100
Volts
Average Rectified Output Current
(Resistive Load, 60Hz, Sine Wave, TA=25
°C)
IO
5
Amps
Peak Surge Current 3/
(8.3 ms Pulse, Half Sine Wave, superimposed on
IO, allow junction to reach equilibrium between
pulses, TA=25
°C)
IFSM
200
Amps
Operating and Storage Temperature
TOP & TSTG
-65 to +175
°C
Maximum Thermal Resistance 3/
Junction to Case
RθJC
1.7
°C/W
NOTES:
1/ For ordering information, Price, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ For optimal performance, leads 2 & 3 should be connected.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0191C
DOC


Similar Part No. - SSR0509J

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR0509-28 SSDI-SSR0509-28 Datasheet
147Kb / 2P
5 AMPS 80-100 VOLTS SCHOTTKY RECTIFIER
SSR0509/5 SSDI-SSR0509/5 Datasheet
134Kb / 2P
5 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
SSR0509G SSDI-SSR0509G Datasheet
141Kb / 2P
5 AMP 80 ??100 VOLTS SCHOTTKY RECTIFIER
More results

Similar Description - SSR0509J

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD0802 SSDI-SPD0802 Datasheet
30Kb / 2P
2 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
SSR0508-28 SSDI-SSR0508-28 Datasheet
147Kb / 2P
5 AMPS 80-100 VOLTS SCHOTTKY RECTIFIER
SSR0508-5 SSDI-SSR0508-5 Datasheet
134Kb / 2P
5 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
SSR0508G SSDI-SSR0508G Datasheet
141Kb / 2P
5 AMP 80 ??100 VOLTS SCHOTTKY RECTIFIER
SSR1008J SSDI-SSR1008J Datasheet
172Kb / 2P
10 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
SPD0801 SSDI-SPD0801 Datasheet
173Kb / 2P
1 AMP 80-100 VOLTS SCHOTTKY RECTIFIER
SSR1008-59 SSDI-SSR1008-59 Datasheet
209Kb / 2P
10 AMP 80-100 VOLTS SCHOTTKY RECTIFIER
SSR1008-5 SSDI-SSR1008-5 Datasheet
135Kb / 2P
10 AMP 80 ??100 VOLTS SCHOTTKY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
MBR1080CT PFS-MBR1080CT Datasheet
639Kb / 2P
10 Amp Schottky Barrier Rectifier 80-100 Volts
logo
Micro Commercial Compon...
SR5010H MCC-SR5010H Datasheet
258Kb / 3P
5 Amp Schottky Barrier Rectifier 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com