Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR0509G Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR0509G
Description  5 AMP 80 ??100 VOLTS SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR0509G Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR0509G Datasheet HTML 1Page - Solid States Devices, Inc SSR0509G Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
• Extremely Low Forward Voltage Drop
• Low Reverse Leakage
• Hermetically Sealed Package
• Guard Ring for Overvoltage Protection
• Eutectic Die Attach
• 175°C Operating Junction Temperature
• TX, TXV, or Space Level Screening Available
SSR0508G
SSR0509G
SSR0510G
5 AMP
80 ─ 100 VOLTS
SCHOTTKY RECTIFIER
CERPACK
MAXIMUM RATINGS
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
SSR0508G
SSR0509G
SSR0510G
VRRM
VRWM
VR
80
90
100
Volts
Average Rectified Output Current
(Resistive Load, 60Hz, Sine Wave, TA=25
°C)
IO
5
Amps
Peak Surge Current 1/
(8.3 ms Pulse, Half Sine Wave, superimposed on
IO, allow junction to reach equilibrium between
pulses, TA=25
°C)
IFSM
200
Amps
Operating and Storage Temperature
TOP & TSTG
-65 to +175
°C
Maximum Thermal Resistance
Junction to Case
RθJC
1.2
°C/W
Notes:
1/
For optimal performance, leads 1 & 2 should be connected.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0193C
DOC


Similar Part No. - SSR0509G

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR0509-28 SSDI-SSR0509-28 Datasheet
147Kb / 2P
5 AMPS 80-100 VOLTS SCHOTTKY RECTIFIER
SSR0509/5 SSDI-SSR0509/5 Datasheet
134Kb / 2P
5 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
SSR0509J SSDI-SSR0509J Datasheet
170Kb / 2P
5 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
More results

Similar Description - SSR0509G

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD0802 SSDI-SPD0802 Datasheet
30Kb / 2P
2 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
SSR0508-28 SSDI-SSR0508-28 Datasheet
147Kb / 2P
5 AMPS 80-100 VOLTS SCHOTTKY RECTIFIER
SSR0508-5 SSDI-SSR0508-5 Datasheet
134Kb / 2P
5 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
SSR0508J SSDI-SSR0508J Datasheet
170Kb / 2P
5 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
SSR1008J SSDI-SSR1008J Datasheet
172Kb / 2P
10 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
SPD0801 SSDI-SPD0801 Datasheet
173Kb / 2P
1 AMP 80-100 VOLTS SCHOTTKY RECTIFIER
SSR1008-59 SSDI-SSR1008-59 Datasheet
209Kb / 2P
10 AMP 80-100 VOLTS SCHOTTKY RECTIFIER
SSR1008-5 SSDI-SSR1008-5 Datasheet
135Kb / 2P
10 AMP 80 ??100 VOLTS SCHOTTKY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
MBR1080CT PFS-MBR1080CT Datasheet
639Kb / 2P
10 Amp Schottky Barrier Rectifier 80-100 Volts
logo
Micro Commercial Compon...
SR5010H MCC-SR5010H Datasheet
258Kb / 3P
5 Amp Schottky Barrier Rectifier 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com