Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR1009 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR1009
Description  10 AMP 100 VOLTS SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR1009 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR1009 Datasheet HTML 1Page - Solid States Devices, Inc SSR1009 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
• Extremely Low Forward Voltage Drop
• Low Reverse Leakage
• Hermetically Sealed Power Surface Mount
Package
• Guard Ring for Overvoltage Protection
• Eutectic Die Attach
• 175°C Operating Junction Temperature
• TX, TXV, or Space Level Screening Available
SSR1008
SSR1009
SSR1010
10 AMP
100 VOLTS
SCHOTTKY RECTIFIER
SMD1
MAXIMUM RATINGS
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage and DC
Blocking Voltage
SSR1008
SSR1009
SSR1010
VRRM
VRWM
VR
80
90
100
Volts
Average Rectified Output Current 1/
(Resistive Load, 60Hz, Sine Wave, TA=25
°C)
IO
10
Amps
Peak Surge Current 1/
(8.3 ms Pulse, Half Sine Wave, superimposed on
IO, allow junction to reach equilibrium between
pulses, TA=25
°C)
IFSM
200
Amps
Operating and Storage Temperature
TOP & TSTG
-65 to +175
°C
Maximum Thermal Resistance 1/
Junction to Case
RθJC
1.6
°C/W
Notes:
1/ For optimal performance, leads 1 & 3 should be connected.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0197D
DOC


Similar Part No. - SSR1009

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR1009 SSDI-SSR1009 Datasheet
135Kb / 2P
80 - 100 VOLTS SCHOTTKY RECTIFIER
SSR1009-28 SSDI-SSR1009-28 Datasheet
158Kb / 2P
10 AMPS 80-100 VOLTS SCHOTTKY RECTIFIER
SSR1009/5 SSDI-SSR1009/5 Datasheet
135Kb / 2P
10 AMP 80 ??100 VOLTS SCHOTTKY RECTIFIER
SSR1009/59 SSDI-SSR1009/59 Datasheet
209Kb / 2P
10 AMP 80-100 VOLTS SCHOTTKY RECTIFIER
SSR1009G SSDI-SSR1009G Datasheet
121Kb / 2P
10AMPS 60 - 100 VOLTS SCHOTTKY RECTIFIER
More results

Similar Description - SSR1009

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK102 MCC-SK102 Datasheet
80Kb / 3P
10 Amp Schottky Rectifier 20 to 100 Volts
logo
Solid States Devices, I...
SSR1008J SSDI-SSR1008J Datasheet
172Kb / 2P
10 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
SSR1008-59 SSDI-SSR1008-59 Datasheet
209Kb / 2P
10 AMP 80-100 VOLTS SCHOTTKY RECTIFIER
SSR1008-5 SSDI-SSR1008-5 Datasheet
135Kb / 2P
10 AMP 80 ??100 VOLTS SCHOTTKY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
MBR1080CT PFS-MBR1080CT Datasheet
639Kb / 2P
10 Amp Schottky Barrier Rectifier 80-100 Volts
logo
Micro Commercial Compon...
MBRB10100CT MCC-MBRB10100CT Datasheet
455Kb / 3P
10 Amp Schottky Barrier Rectifier 100 Volts
MBR10100AULPS MCC-MBR10100AULPS Datasheet
145Kb / 3P
10 Amp Schottky Barrier Rectifier 100 Volts
MBRB10100CT MCC-MBRB10100CT_17 Datasheet
236Kb / 3P
10 Amp Schottky Barrier Rectifier 100 Volts
MBRD10100 MCC-MBRD10100 Datasheet
638Kb / 3P
10 Amp Schottky Barrier Rectifier 100 Volts
SK102 MCC-SK102_13 Datasheet
371Kb / 4P
10 Amp Schottky Rectifier 20 to 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com