Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR02C50 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR02C50
Description  2 AMP / 600 V SILICON CARBIDE SCHOTTKY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR02C50 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR02C50 Datasheet HTML 1Page - Solid States Devices, Inc SSR02C50 Datasheet HTML 2Page - Solid States Devices, Inc SSR02C50 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0204A
DOC
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SSR02C 60 D1 HR
│
│
│
│
│
│
└ Screening: __ = Not Screened
HR = High Rel
│
│
│
│
│
└ Package:
G = Cerpack
S.22 = SMD.22
└ Voltage 50 = 500 V
60 = 600 V
SSR02C60 Series
2 AMP / 600 V
SILICON CARBIDE
SCHOTTKY RECTIFIER
Features:
• 600V Silicon Carbide Schottky Rectifier
• New Semiconductor Material
• Switching Behavior Benchmark
• No Reverse Recovery
• No Forward Recovery
• No Switching Time Change Over Temperature
• Hermetic Packages Available
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
Peak Surge Reverse Voltage
SSR02C50
SSR02C60
VRRM
VRSM
500
600
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave)
Io
2
Amps
Non Repetitive Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on IO)
IFSM
4
Amps
Repetitive Peak Forward Current
(Tc= 100ºC; d/c= 10%)
IFRM
7.5
A
Power Dissipation
PD
12.5
Watts
Operating & Storage Temperature
Top & Tstg
-55 to +175
ºC
Maximum Thermal Resistance
Junction to Case
RθJC
12
ºC/W
1
Cerpack (G)
SMD.22 (S.22)


Similar Part No. - SSR02C50

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR007 SSDI-SSR007 Datasheet
50Kb / 2P
2 AMP 25 VOLTS SCHOTTKY RECTIFIER
logo
Power Mate Technology C...
SSR01 P-DUKE-SSR01 Datasheet
417Kb / 3P
NON- ISOLATION DC-DC CONVERTER
SSR01-05S2P5 P-DUKE-SSR01-05S2P5 Datasheet
368Kb / 3P
NON- ISOLATION DC-DC CONVERTER
SSR01-12S05 P-DUKE-SSR01-12S05 Datasheet
368Kb / 3P
NON- ISOLATION DC-DC CONVERTER
SSR01-12S09 P-DUKE-SSR01-12S09 Datasheet
368Kb / 3P
NON- ISOLATION DC-DC CONVERTER
More results

Similar Description - SSR02C50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSR24C60CT ETC1-SSR24C60CT Datasheet
26Kb / 2P
24 AMP 600 VOLTS SCHOTTKY SILICON CARBIDE CENTER TAP RECTIFIER
logo
Solid States Devices, I...
SSR24C60CT SSDI-SSR24C60CT Datasheet
30Kb / 2P
24 AMP 600 VOLTS SCHOTTKY SILICON CARBIDE CENTER TAP RECTIFIER
logo
STMicroelectronics
STPSC806D STMICROELECTRONICS-STPSC806D Datasheet
96Kb / 7P
600 V power Schottky silicon carbide diode
05-May-2008
STPSC1006D STMICROELECTRONICS-STPSC1006D Datasheet
96Kb / 7P
600 V power Schottky silicon carbide diode
05-May-2008
logo
Solid States Devices, I...
SSR10C60CT SSDI-SSR10C60CT Datasheet
71Kb / 2P
10 A / 600 V Schottky Silicon Carbide Centertap Rectifier
logo
STMicroelectronics
STPSC406 STMICROELECTRONICS-STPSC406 Datasheet
108Kb / 8P
600 V power Schottky silicon carbide diode
24-Sep-2009
STPSC806 STMICROELECTRONICS-STPSC806_09 Datasheet
93Kb / 7P
600 V power Schottky silicon carbide diode
24-Sep-2009
logo
Cree, Inc
C3D03060A CREE-C3D03060A Datasheet
749Kb / 5P
Silicon Carbide Schottky Diode 600-Volt Schottky Rectifier
logo
STMicroelectronics
STPSC1206 STMICROELECTRONICS-STPSC1206 Datasheet
89Kb / 7P
600 V power Schottky silicon carbide diode
September 2009 Rev 1
logo
WOLFSPEED, INC.
C3D02060A WOLFSPEED-C3D02060A Datasheet
1Mb / 9P
3rd Generation 600 V, 2 A Silicon Carbide Schottky Diode
Rev. 8, March 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com