Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD5817SMS Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD5817SMS
Description  1 AMP 20-40 VOLTS SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD5817SMS Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD5817SMS Datasheet HTML 1Page - Solid States Devices, Inc SPD5817SMS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 2/
SPD 5817 ___ SMS___
└ Screening 3/
TX = TX Level
TXV = TXV Level,
S = S-Level
___ = Not Screened
│
│
│
│
│
│
└
Package
SMS = Square Tab Surface Mount
__ = Axial Lead
│
│
│
│
│
│
│
│
│
└ Extra Inspection
V = MIL-STD-750, METHOD 2076
__ = None
│
│
│
│
│
│
│
│
│
│
│
│
└ Voltage / Family 5817 = 20V
5818 = 30V
5819 = 40V
SPD5817 thru SPD5819
SPD5817SMS thru SPD5819SMS
SPD5817VSMS thru SPD5819VSMS
1 AMP
20-40 VOLTS
SCHOTTKY RECTIFIER
FEATURES:
•
Extremely Low Forward Voltage Drop
•
High Surge Capability
•
Hermetically Sealed
•
Low Profile Surface Mount Package Available
•
TX, TXV, and Space Level Screening Available
• Extra Inspection per MIL-STD-750, Method 2076
Available
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage and DC
Blocking Voltage
SPD5817, SMS 1/
SPD5818, SMS 1/
SPD5819, SMS 1/
VRRM
VRWM
VR
20
30
40
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA=25
°C)
IO
1
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on IO, allow junction to
reach equilibrium between pulses, TA=25
°C)
IFSM
50
Amps
Operating and Storage Temperature
TOP & Tstg
-55 to +125
°C
Maximum Thermal Resistance
Junction to Lead, L= 3/8”
Junction to End Tab
RθJL
RθJE
70
40
°C/W
NOTES:
1/ Part number may have letter ‘V’ preceding ‘SMS’.
2/ For ordering information, price, and availability, contact factory.
3/ Screening per MIL-PRF-19500.
Surface Mount
Square Tab (SMS)
Axial Lead Diode
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0293G
DOC


Similar Part No. - SPD5817SMS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD5817SM SSDI-SPD5817SM Datasheet
152Kb / 2P
1 AMP 20 - 40 VOLTS SCHOTTKY RECTIFIER
SPD5817SM SSDI-SPD5817SM Datasheet
104Kb / 2P
SCHOTTKY RECTIFIER
SPD5817SM SSDI-SPD5817SM_1 Datasheet
104Kb / 2P
SCHOTTKY RECTIFIER
More results

Similar Description - SPD5817SMS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UPS120 MCC-UPS120 Datasheet
98Kb / 3P
1 Amp Schottky Rectifier 20 to 40 Volts
UPS120E MCC-UPS120E Datasheet
98Kb / 3P
1 Amp Schottky Rectifier 20 to 40 Volts
UPS5817 MCC-UPS5817 Datasheet
101Kb / 3P
1 Amp Schottky Rectifier 20 to 40 Volts
logo
Solid States Devices, I...
SPD5817SM SSDI-SPD5817SM Datasheet
152Kb / 2P
1 AMP 20 - 40 VOLTS SCHOTTKY RECTIFIER
SSR2040-59 SSDI-SSR2040-59 Datasheet
197Kb / 2P
20 AMP 40 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
B5817W MCC-B5817W Datasheet
368Kb / 3P
1 Amp Schottky Barrier Rectifier 20 - 40 Volts
B5817WS MCC-B5817WS Datasheet
318Kb / 3P
1 Amp Schottky Barrier Rectifier 20 - 40 Volts
SR102 MCC-SR102 Datasheet
311Kb / 3P
1 Amp Schottky Barrier Rectifier 20 to 40 Volts
B5817W MCC-B5817W_17 Datasheet
460Kb / 3P
1 Amp Schottky Barrier Rectifier 20 - 40 Volts
B5817WS MCC-B5817WS_17 Datasheet
651Kb / 4P
1 Amp Schottky Barrier Rectifier 20 - 40 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com