Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR3ASMS Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR3ASMS
Description  3.0 AMPS 50 - 1200 VOLTS 50 - 80 nsec ULTRA FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR3ASMS Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR3ASMS Datasheet HTML 1Page - Solid States Devices, Inc SDR3ASMS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS 3/
CHARACTERISTICS
SYMBOL VALUE
UNIT
Instantaneous Forward Voltage Drop
(IF = 1Adc, 300- 500 μs Pulse, TA = 25°C)
SDR3A thru SDR3J
SDR3K thru SDR3N
VF1
1.35
1.90
Vdc
Instantaneous Forward Voltage Drop
(IF = 1Adc, 300- 500 μs Pulse, TA = -55°C)
SDR3A thru SDR3J
SDR3K thru SDR3N
VF2
1.50
2.10
Vdc
Maximum Reverse Leakage Current
(Rated VR, 300 μs Pulse Minimum , TA = 25°C)
IR1
5
μA
Maximum Reverse Leakage Current
(Rated VR, 300 μs Pulse Minimum , TA = 100°C)
IR2
500
μA
Junction Capacitance
(VR = 10Vdc, TA = 25°C , f = 1MHz)
CJ
50
pf
Maximum Reverse Recovery Time 4/
SDR3A thru SDR3J
SDR3K
SDR3M
SDR3N
trr
50
60
70
80
ns
DIMENSIONS
DIMENSIONS
DIM. MIN. MAX.
DIM. MIN. MAX.
A
.120” .180”
A
.172” .180”
B
---
.230”
B
.180” .280”
C
.047” .053”
C
.022” .028”
Axial Leaded Case Outline 5/:
D
1.00”
---
D
.002”
---
Square Tab Surface Mount Case
Outline 5/:
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
4/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp, IRR to .25 Amp.
2/ Screened to MIL-PRF-19500.
5/ For information on operating curves, contact factory.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR3A and SDR3ASMS
thru
SDR3N and SDR3NSMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0013D
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com