Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR805 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR805
Description  100 AMP 50 - 1200 VOLTS 60 nsec ULTRA FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR805 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR805 Datasheet HTML 1Page - Solid States Devices, Inc SDR805 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
20
40
60
80
100
0
25
50
75
100
125
150
175
200
µµµµµA
mA
Reverse Leakage Current
(Rated VR , 300 µs minimum Pulse)
100
10
IR
pF
700
CJ
Junction Capacitance
(VR = 10 VDC, TA = 25
oC, f = 1 MHz)
CASE OUTLINE: DO-5
Electrical Characteristics
SYMBOL
UNITS
MAXIMUM
VF1
1.00
1.50
1.85
1.90
Instantaneous Forward Voltage Drop
(IF = 100ADC, TA = 25
oC,
300 - 500
µs Pulse)
VDC
TYPICAL OPERATING CURVES
(TA = 25
oC unless otherwise specified)
SDR803
thru
SDR818
VF2
1.10
1.60
1.95
2.00
Instantaneous Forward Voltage Drop
(IF = 100ADC, TA = -55
oC,
300 - 500
µs Pulse)
VDC
nsec
60
tRR
Reverse Recovery Time
(IF = 500 mA, IR = 1 A, IRR = 250 mA, TA = 25
oC)
55oC
TA = 25
oC
TA = 100
oC
SDR803 - 806
SDR807 - 810
SDR811 - 814
SDR815 - 818
SDR803 - 806
SDR807 - 810
SDR811 - 814
SDR815 - 818
Dimensions prior to
solder dipping
SOLID STATE DEVICES, INC.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
END TAB TEMPERATURE (oC)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com